Electronic Components Datasheet Search
  English  ▼

X  

TDA7476 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7476
Description  CAR RADIO DIAGNOSTIC PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7476 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7476 Datasheet HTML 1Page - STMicroelectronics TDA7476 Datasheet HTML 2Page - STMicroelectronics TDA7476 Datasheet HTML 3Page - STMicroelectronics TDA7476 Datasheet HTML 4Page - STMicroelectronics TDA7476 Datasheet HTML 5Page - STMicroelectronics TDA7476 Datasheet HTML 6Page - STMicroelectronics TDA7476 Datasheet HTML 7Page - STMicroelectronics TDA7476 Datasheet HTML 8Page - STMicroelectronics TDA7476 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TDA7476
4/19
Lsc
Shorted Load det. (voltage across
the Audio Outputs). Below this
limit the load is considered
shorted.
Power amplifier in st-by condition
5
mV
Lop
Open Load det. (voltage across
the Audio Outputs). Above this
limit the load is considered open.
550
mV
Lnop
Normal load det. (Voltage across
the Audio Output). Within these
limits the load resistance is
considered normal.
22
220
mV
AUX INPUTS AUX1, AUX2 - TURN ON DIAGNOSTIC
Agnd
Short to GND det. (voltage across
the sensing resistor). Above this
limit the AUX pin is considered in
Short Circuit to GND.
High side driver ON
0.85
V
Aol
Open load det. (voltage across
the sensing resistor). Below this
limit the Aux pin is considered in
Open Load condition.
0.085
V
Anop
Normal Operation det. (Voltage
across the sensing resistor).
Within these limits the load
resistance connected to the Aux
pin is considered correct.
0.125
0.5
V
AUDIO INPUTS - PERMANENT DIAGNOSTIC
Pgnd
Short to GND det. (below this
limit, the Audio Output is
considered in Short Circuit to Vs)
This condition must be true for a
time higher than Tdel
Power amplifier ON
0.8
V
Pvs
Short to Vs det. (above this limit
the Audio Output is considered in
Short Circuit to Vs) This condition
must be true for a time higher
than Tdel
Vs-0.6
V
Pnop
Normal operation thresholds.
(Within these limits, the Audio
Output is considered without
faults)
1.2
Vs-1.2
V
AUX INPUTS - PERMANENT DIAGNOSTIC
Agnd
Short to GND det. (above this
limit, the Audio Output is
considered in Short Circuit to Vs)
This condition must be true for a
time higher than Tdel
High side driver ON
0.85
V
ELECTRICAL CHARACTERISTICS (continued)
(Vs = 14.4V; Tamb = 25°, unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com