Electronic Components Datasheet Search
  English  ▼

X  

TDA7476 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7476
Description  CAR RADIO DIAGNOSTIC PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7476 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7476 Datasheet HTML 3Page - STMicroelectronics TDA7476 Datasheet HTML 4Page - STMicroelectronics TDA7476 Datasheet HTML 5Page - STMicroelectronics TDA7476 Datasheet HTML 6Page - STMicroelectronics TDA7476 Datasheet HTML 7Page - STMicroelectronics TDA7476 Datasheet HTML 8Page - STMicroelectronics TDA7476 Datasheet HTML 9Page - STMicroelectronics TDA7476 Datasheet HTML 10Page - STMicroelectronics TDA7476 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7/19
TDA7476
1) The amplifier can drain current in the resistive path of the short circuit, hence this current and consequently
the short circuit resistor cannot be determined with a sufficient level of accuracy.
2) The voltage difference between the car radio ground (reference) and the position of the chassis of the car
where the loudspeaker line is connected (due to an accidental short circuit) can be up to some hundreds of
mV. This does not permit a correct measure of the short circuit resistor.
Turn-on diagnostic - AUX1, AUX2
To detect if there is a short circuit to GND or an open load involving to the AUX output of the car radio, the volt-
age across a sensing resistor Rsens is detected.These output voltages (for example for the active antenna and
for the booster) are usually generated by high side drivers, but also voltage regulators with Vout >5V are admis-
sible. The detection ranges can be set by adjusting the sensing resistors Rsens1 or Rsens2 as following:
Where AOL, Anop, Agnd are as specified in the ELECTRICAL CHARACTERISTICS.
For example, if Rsens = 5 Ohm, the following detection table will be operative :
Permanent diagnostic - CH1, CH2, CH3, CH4, CH5 - Short to GND and Vs
During the CAR-RADIO normal operation, to detect a short circuit to GND (or to Vs), the output voltages are
sensed. If one or more outputs stay at any voltage below 0.8V or over Vs-0.6V for more than 2 sec. (typ), the
warning pin is pulled down.The
µP can address the TDA7476 to know the status.The subsonic current pulse is
activated also in this case. The fault is correctly detected if it remains until the memorization (tm in fig.1).In this
phase, faults regarding shorts across the load and open loads cannot be detected.
S.C. to GND
x
Open Load
I2
I3
x
Normal Operation
I1
I4
D01AU1258
I
4
A
OL,max
R
sens
----------------------
=
I
3
A
nop ,min
R
s ens
----------------------
=
I
2
A
n op,max
R
sens
------------------------
=
I
1
A
gn d,min
R
sen s
----------------------
=
Open Load
x
S.C. to GND
100mA
25mA
x
Normal Operation
170mA
17mA
D96AU503



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com