Electronic Components Datasheet Search
  English  ▼

X  

TDA7476 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7476
Description  CAR RADIO DIAGNOSTIC PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7476 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7476 Datasheet HTML 11Page - STMicroelectronics TDA7476 Datasheet HTML 12Page - STMicroelectronics TDA7476 Datasheet HTML 13Page - STMicroelectronics TDA7476 Datasheet HTML 14Page - STMicroelectronics TDA7476 Datasheet HTML 15Page - STMicroelectronics TDA7476 Datasheet HTML 16Page - STMicroelectronics TDA7476 Datasheet HTML 17Page - STMicroelectronics TDA7476 Datasheet HTML 18Page - STMicroelectronics TDA7476 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
TDA7476
16/19
s
To use the TDA7476 with a car-radio system which has less than five audio channel and less than two
auxiliary loads, it is necessary to take some cares:
- each pin CH± not used has to be fixed to 5V
- each pin AUX1IN, AUX1OUT, AUXIN2, AUX2OUT not used has to be fixed to a voltage equal or greater than 5V
The 5V voltage reference available on the chip (pin 10) is very useful to fix both CH± and AUX pins to
5V.
APPLICATION EXAMPLES WITH ST AUDIO POWER ICs
Figure 5. Quad Bridge Amplifiers
Figure 6. TDA7451
TDA7384, TDA7385, TDA7386, TDA7454
+-
-+
+-
-+
CH1+
CH2+
CH3+
CH4+
CH5+
CH5-
CH4-
CH3-
CH2-
CH1-
TDA7476
D97AU578A
R
TDA7451
+-
-+
+-
-+
CH1+
CH2+
CH3+
CH4+
CH5+
CH5-
CH4-
CH3-
CH2-
CH1-
TDA7476
D97AU577A
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com