Electronic Components Datasheet Search
  English  ▼

X  

TDA7476 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7476
Description  CAR RADIO DIAGNOSTIC PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7476 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7476 Datasheet HTML 4Page - STMicroelectronics TDA7476 Datasheet HTML 5Page - STMicroelectronics TDA7476 Datasheet HTML 6Page - STMicroelectronics TDA7476 Datasheet HTML 7Page - STMicroelectronics TDA7476 Datasheet HTML 8Page - STMicroelectronics TDA7476 Datasheet HTML 9Page - STMicroelectronics TDA7476 Datasheet HTML 10Page - STMicroelectronics TDA7476 Datasheet HTML 11Page - STMicroelectronics TDA7476 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TDA7476
8/19
Permanent diagnostic - AUX1, AUX2 - Short circuit to GND and open load
s
The detection mode of the auxiliary inputs is equal to what is in place during turn-on, but the fault must
be lasting without interruption for more than 2 seconds.The warning pin is pulled down only in case of
short to GND. This is to avoid that this pin remains permanently to 0 level if one or both AUX outputs of
the car radio are unused.
Timing
s
From the byte "ADD1" to the byte "ADD2" the mP must wait a period Twait1(see Software Specification)
that is depending on the timing capacitor CT according to the following table (Twait1> tm, max):
Note: any (positive) spread of the capacitor value must be added. The relation to be used to determine Twait1
from the value of CT according to the following:
Twait1 > tm, max = (130 · CT/10
µF)ms
s
After the byte "ADD2" the power amplifier can be switched-on. In some cases, the
µP has to wait until
the current pulse is finished (Twait2). This time (ts in fig.1) is given by:
Twait2 > ts, max = (140 · CT/10
µF)ms
For bridge or bridge equivalent devices (figg.5,6), Ct = 10
µF will be enough.
TURN-ON DIAGNOSTIC - THRESHOLDS
CH1, CH2, CH3, CH4, CH5
s
Output voltage during test. (The power amplifier must be in ST-BY mode).
s
Voltage across the load during test. (The power amplifier must be in ST-BY mode).
s
Note: some faults can mask others if they are present at the same moment on the same channel:
- If there is a short to GND and an open load on the same channel, the TDA7476 gives information only
about one of them, depending on the wire on which the short circuit is present.
- The short circuit to GND masks any short circuit across the load.
- The short circuit to Vs masks any short or open load.
CT (
µF)
tm max (ms)
3.3
45
4.7
65
10
130
22
290
47
620
100
1300
D96AU502B
S.C. to GND
x
S.C. to Vs
0V
1.2V
VS-1.2
VS
x
Normal Operation
0.8V
VS-0.6V
S.C. across Load
x
Open Load
0V
22mV
220mV
VS
x
Normal Operation
5mV
550mV
D97AU631A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com