Electronic Components Datasheet Search
  English  ▼

X  

AD7190 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7190
Description  4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7190 Datasheet(HTML) 1 Page - Analog Devices

  AD7190 Datasheet HTML 1Page - Analog Devices AD7190 Datasheet HTML 2Page - Analog Devices AD7190 Datasheet HTML 3Page - Analog Devices AD7190 Datasheet HTML 4Page - Analog Devices AD7190 Datasheet HTML 5Page - Analog Devices AD7190 Datasheet HTML 6Page - Analog Devices AD7190 Datasheet HTML 7Page - Analog Devices AD7190 Datasheet HTML 8Page - Analog Devices AD7190 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
4.8 kHz Ultra-Low Noise 24-Bit
Sigma-Delta ADC with PGA
Preliminary Technical Data
AD7190
Rev.PrD
7/08
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2008 Analog Devices, Inc. All rights reserved.
FEATURES
RMS Noise: 7 nV @ 4.7 Hz (gain = 128)
16.5 noise free bits @ 2.4 kHz (gain = 128)
Up to 23 noise free bits (gain = 1)
Offset drift: 5 nV/°C
Gain drift: 2 ppm/°C
Specified drift over time
Programmable gain (1 – 128)
Update rate: 4.7 Hz to 4.8 kHz
Internal or external clock
Simultaneous 50 Hz/60 Hz rejection
Four general purpose digital outputs
Power supply: 3 V to 5.25 V
Current: 6 mA
Temperature range: –40°C to +105°C
INTERFACE
3-wire serial
SPI®, QSPI™, MICROWIRE™, and DSP compatible
Schmitt trigger on SCLK
APPLICATIONS
Weigh scales
Strain gauge transducers
Pressure measurement
Temperature measurement
Chromatography
PLC/DCS Analog Input Modules
Data Acquisition
Medical and Scientific instrumentation
GENERAL DESCRIPTION
The AD7190 is a low noise, complete analog front end for high
precision measurement applications. It contains a low noise, 24-
bit ∑-∆ ADC. The on-chip low noise gain stage means that
signals of small amplitude can be interfaced directly to the
ADC.
The device can be configured to have two differential inputs or
four pseudo-differential inputs. The device can be operated
with either the internal clock or an external clock. The output
data rate from the part can be varied from 4.7 Hz to 4.8 kHz.
The device can be operated with a sinc3 or a sinc4 digital filter.
At the lower update rates, the sinc3 is useful to optimize the
settling time. The benefit of the sinc4 at low update rates is the
superior 50 Hz/60 Hz rejection. At the higher update rates, the
sinc4 filter gives best noise performance. For applications that
require all conversions to be settled, the AD7190 includes a
zero-latency feature.
The part operates with a power supply from 3 V to 5.25 V. It
consumes a current of 6 mA. It is housed in a 24-lead TSSOP
package.
FUNCTIONAL BLOCK DIAGRAM
AIN1
AIN2
MUX
AVDD
AGND
AIN3
AIN4
AD7190
SERIAL
INTERFACE
AND CONTROL
LOGIC
MCLK1
SIGMA DELTA
ADC
PGA
REFIN1(+) REFIN1(-)
REFERENCE
DETECT
AGND
AVDD
DOUT/RDY
DIN
SCLK
CS
CLOCK
CIRCUITRY
MCLK2
AINCOM
DGND
DVDD
SYNC
P0/REFIN2(-)
P1/REFIN2(+)
P2
P3
TEMP
SENSOR
BPDSW
AGND
Figure 1.


Similar Part No. - AD7190

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7190 AD-AD7190 Datasheet
679Kb / 41P
4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC
23-Feb-2017
AD7190BRUZ AD-AD7190BRUZ Datasheet
749Kb / 40P
4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7190BRUZ AD-AD7190BRUZ Datasheet
679Kb / 41P
4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC
23-Feb-2017
AD7190BRUZ-REEL AD-AD7190BRUZ-REEL Datasheet
749Kb / 40P
4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7190BRUZ-REEL AD-AD7190BRUZ-REEL Datasheet
679Kb / 41P
4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC
23-Feb-2017
More results

Similar Description - AD7190

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7190 AD-AD7190_08 Datasheet
749Kb / 40P
4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7192 AD-AD7192 Datasheet
711Kb / 40P
4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7193 AD-AD7193 Datasheet
767Kb / 56P
4-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7194 AD-AD7194 Datasheet
1,002Kb / 56P
8-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7195 AD-AD7195 Datasheet
662Kb / 44P
4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
REV. 0
logo
Intersil Corporation
ISL26102AVZ INTERSIL-ISL26102AVZ Datasheet
909Kb / 21P
Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
logo
Analog Devices
AD7195 AD-AD7195_15 Datasheet
546Kb / 45P
4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
Rev. 0
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
24-Bit Sigma-Delta ADC with PGA
02-Aug-2017
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
24-Bit Sigma-Delta ADC with PGA
07-Jul-2017
AD7190 AD-AD7190_17 Datasheet
679Kb / 41P
4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com