Electronic Components Datasheet Search
  English  ▼

X  

AD7190 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7190
Description  4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7190 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7190 Datasheet HTML 13Page - Analog Devices AD7190 Datasheet HTML 14Page - Analog Devices AD7190 Datasheet HTML 15Page - Analog Devices AD7190 Datasheet HTML 16Page - Analog Devices AD7190 Datasheet HTML 17Page - Analog Devices AD7190 Datasheet HTML 18Page - Analog Devices AD7190 Datasheet HTML 19Page - Analog Devices AD7190 Datasheet HTML 20Page - Analog Devices AD7190 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Preliminary Technical Data
AD7190
Rev.PrD 7/08 | Page 17
Bit Location
Bit Name
Description
read. This function is useful when several channels are selected as the status register identifies the
channel to which the data register value corresponds.
MR19 to MR18
CLK1 to CLK0
These bits are used to select the clock source for the AD7190. Either the on-chip 4.92 MHz clock can
be used or an external clock can be used. The ability to use an external clock allows several AD7190
devices to be synchronized. Also, 50 Hz/60 Hz rejection is improved when an accurate external clock
drives the AD7190.
CLK1
CLK0
ADC Clock Source
0
0
External crystal used. The external crystal is connected from MCLK1 to MCLK2.
0
1
External clock used. The external clock is applied to the MCLK2 pin.
1
0
Internal 4.92 MHz clock. Pin MCLK2 is tri-stated.
1
1
Internal 4.92 MHz clock. The internal clock is available on MCLK2.
MR17 to MR16
0
These bits must be programmed with a Logic 0 for correct operation.
MR15
SINC3
Sinc3 Filter Select pin.
When this bit is cleared, the sinc4 filter is used (default value).
When this bit is set, a sinc3 filter is used.
The benefit of the sinc3 filter compared to the sinc4 filter is its lower settling time when chop is
disabled. For a given update rate fADC, the sinc3 filter has a settling time of fADC/3 while the sinc4 filter
has a settling time of fADC/4. The sinc4 filter, due to its deeper notches, gives better 50 Hz/60 Hz
rejection.
At low update rates, both filters give similar rms noise and similar no missing codes for a given update
rate. At higher update rates (FS values less than 5), the sinc4 filter gives better performance than the
sinc3 filter for rms noise and no missing codes.
MR14
0
This bit must be programmed with a Logic 0 for correct operation.
MR13
ENPAR
Enable Parity bit.
When ENPAR is set, parity checking on the data register is enabled. The DAT_STA bit should be set
when the parity check is used. When the DAT_STA bit is set, the contents of the status register are
transmitted along with the data for each data register read.
MR12
0
This bit must be programmed with a Logic 0 for correct operation.
MR11
SINGLE
Single Cycle Conversion Enable Bit.
When this bit is set, the AD7190 allows the complete settling time to perform each conversion. So, the
device functions as a zero-latency ADC.
MR10
REJ60
Enables a notch at 60 Hz when the update rate is equal to 50 Hz.
When REJ60 is set, a filter notch is placed at 60 Hz when the update rate selected is 50 Hz. This allows
simultaneous 50 Hz/60 Hz rejection.
MR9 to MR0
FS9 to FS0
Filter Update Rate Select Bits.
The 10 bits of data programmed into these bits determine the filter cut-off frequency, the position of
the first notch of the filter and the data rate for the part. In association with the gain selection, it also
determines the output noise (and hence the effective resolution) of the device. When chop is disabled
and continuous conversion mode is selected, the first notch of the filter occurs at a frequency
determined by the relationship:
filter first notch frequency = (fmod/64)/FS
where FS is the decimal equivalent of the code in bits FS0 to FS9 and is in the range 1 to 1023 and
fmod is the modulator frequency which is equal to MCLK/16. With the nominal MCLK of 4.92 MHz, this
results in a first notch frequency range from 4.69 Hz to 4.8 kHz.
Changing the filter notch frequency, as well as the selected gain, impacts resolution. Tables 5 through
8 show the effect of the filter notch frequency and gain on the effective resolution of the AD7190. The
output data rate (or effective conversion time) for the device is equal to the frequency selected for the
first notch of the filter. For example, if the first notch of the filter is selected at 50 Hz then a new word
is available at a 50 Hz rate or every 20 ms. If the first notch is at 1.2 kHz, a new word is available every
0.83 ms. The settling time of the filter to a full-scale step input change is worst case (N + 1)/(output
data rate) where N = 3 when the sinc3 filter is selected and N = 4 when the sinc4 filter is selected. For
example, with the first filter notch at 50 Hz, the settling time of the filter to a full-scale step input
change is 100 ms max when N = 4. This settling time can be reduced to N/(output data rate) by
synchronizing the step input change to a reset of the digital filter. In other words, if the step input
takes place with the SYNC input low, the settling time will be N/(output data rate) from when SYNC
returns high. If a change of channel takes place, the settling time is N/(output data rate) regardless of
the SYNC status as the part issues an internal reset command when requested to change channels.
The –3 dB frequency is determined by the programmed first notch frequency according to the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com