Electronic Components Datasheet Search
  English  ▼

X  

AD7190 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7190
Description  4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7190 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7190 Datasheet HTML 7Page - Analog Devices AD7190 Datasheet HTML 8Page - Analog Devices AD7190 Datasheet HTML 9Page - Analog Devices AD7190 Datasheet HTML 10Page - Analog Devices AD7190 Datasheet HTML 11Page - Analog Devices AD7190 Datasheet HTML 12Page - Analog Devices AD7190 Datasheet HTML 13Page - Analog Devices AD7190 Datasheet HTML 14Page - Analog Devices AD7190 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Preliminary Technical Data
AD7190
Rev.PrD 7/08 | Page 11
CHOP ENABLED
Table 7 shows the AD7190’s rms noise for some of the update
rates and gain settings. The numbers given are for the bipolar
input range with an external 5 V reference. These numbers are
typical and are generated with a differential input voltage of 0 V.
Table 8 shows the effective resolution, while the output peak-to-
peak (p-p) resolution is listed in brackets. It is important to note
that the effective resolution is calculated using the rms noise,
while the p-p resolution is calculated based on peak-to-peak
noise. The p-p resolution represents the resolution for which
there will be no code flicker. These numbers are typical and are
rounded to the nearest half-LSB.
Table 7. RMS Noise (nV) vs. Gain and Output Update Rate (continuous conversion mode) Using a 5 V Reference - Chop Enabled
Filter
Word
(Decimal)
Update
Rate (Hz)
Gain of 1
Gain of 8
Gain of 16
Gain of 32
Gain of 64
Gain of 128
1023
1.175
123
17.47
8.94
7.07
5.87
5
640
1.875
138
21.41
10.27
8.68
7.33
7.07
480
2.5
174
26.87
13.67
10
8.49
7.25
96
12.5
395
61.52
31.11
25.22
19.64
17.9
16
75
950
132
74.25
51.5
48.49
37.24
2
600
3008
412
228
164
141
118
1
1200
9192
1255
636
479
351
266
Table 8. Typical Resolution (Bits) vs. Gain and Output Update Rate (continuous conversion mode) Using a 5 V Reference - Chop
Enabled
Filter Word
(Decimal)
Update
Rate (Hz)
Gain of 1
Gain of 8
Gain of 16
Gain of 32
Gain of 64
Gain of 128
1023
1.175
24 (23.5)
24 (23.5)
24 (23.5)
24 (22.5)
24 (22)
24 (21.5)
640
1.875
24 (23.5)
24 (23)
24 (23)
24 (22.5)
24 (21.5)
23.5 (21)
480
2.5
24 (23)
24 (22.5)
24 (22.5)
24 (22)
24 (21.5)
23 (20.5)
96
12.5
24 (22)
24 (21.5)
24 (21.5)
23.5 (21)
23 (20.5)
22 (19.5)
16
75
23.5 (21)
23 (20.5)
23 (20.5)
22.5 (20)
21.5 (19)
21 (18.5)
2
600
21.5 (19)
21.5 (19)
21.5 (19)
21 (18.5)
20 (17.5)
19.5 (17)
1
1200
20 (17.5)
20 (17.5)
20 (17.5)
19.5 (17)
18.5 (16)
18 (15.5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com