Electronic Components Datasheet Search
  English  ▼

X  

AD7190 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7190
Description  4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7190 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7190 Datasheet HTML 8Page - Analog Devices AD7190 Datasheet HTML 9Page - Analog Devices AD7190 Datasheet HTML 10Page - Analog Devices AD7190 Datasheet HTML 11Page - Analog Devices AD7190 Datasheet HTML 12Page - Analog Devices AD7190 Datasheet HTML 13Page - Analog Devices AD7190 Datasheet HTML 14Page - Analog Devices AD7190 Datasheet HTML 15Page - Analog Devices AD7190 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
AD7190
Preliminary Technical Data
Rev.PrD 7/08 | Page 12
SINC3 FILTER
For a given update rate, the sinc3 filter has lower settling time
than the sinc3 filter. At low update rates, the rms noise is
comparable between the sinc3 filter and the sinc4 filter. So, the
user can optimize the settling time without compromising the
rms noise. At high update rates, the sinc4 filter is needed for
optimum performance of the AD7190.
CHOP DISABLED
Table 9 shows the rms noise of the AD7190 for some of the
update rates and gain settings with chop disabled. The
numbers given are for the bipolar input range with the
external 5 V reference. These numbers are typical and are
generated with a differential input voltage of 0 V. Table 10
shows the effective resolution while the output peak-to-peak
(p-p) resolution is listed in brackets. It is important to note
that the effective resolution is calculated using the rms noise,
while the p-p resolution is calculated based on peak-to-peak
noise. The p-p resolution represents the resolution for which
there will be no code flicker. These numbers are typical and
are rounded to the nearest half-LSB.
Table 9. RMS Noise (nV) vs. Gain and Output Update Rate (continuous conversion mode) Using a 5 V Reference - Chop Disabled
Filter Word
(Decimal)
Update
Rate (Hz)
Gain of 1
Gain of 8
Gain of 16
Gain of 32
Gain of 64
Gain of 128
1023
4.7
177
26.5
13.22
10.52
8.7
7.68
640
7.5
200
31
16.12
13.13
10.97
10.02
480
10
276
41
20.48
15.42
12.82
10.74
96
50
606
93
48
36.92
29.68
25.66
16
300
1400
205
112
84
73.21
60
2
2400
57510
7000
3570
1770
896
464
1
4800
438100
54690
27340
14220
6890
3480
Table 10. Typical Resolution (Bits) vs. Gain and Output Update Rate (continuous conversion mode) Using a 5 V Reference - Chop
Disabled
Filter Word
(Decimal)
Update
Rate (Hz)
Gain of 1
Gain of 8
Gain of 16
Gain of 32
Gain of 64
Gain of 128
1023
4.7
24 (23)
24 (23)
24 (23)
24 (22)
24 (21.5)
23.5 (21)
640
7.5
24 (23)
24 (22.5)
24 (22.5)
24 (22)
24 (21.5)
23 (20.5)
480
10
24 (22.5)
24 (22)
24 (22)
24 (21.5)
23.5 (21)
23 (20.5)
96
50
24 (21.5)
23.5 (21)
23.5 (21)
23 (20.5)
22.5 (20)
21.5 (19)
16
300
23(20.5)
22.5 (20)
22.5 (20)
22 (19.5)
21 (18.5)
20.5 (18)
2
2400
17.5 (15)
17.5 (15)
17.5 (15)
17.5 (15)
17.5 (15)
17.5 (15)
1
4800
14.5 (12)
14.5 (12)
14.5 (12)
14.5 (12)
14.5 (12)
14.5 (12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com