Electronic Components Datasheet Search
  English  ▼

X  

AD7190 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7190
Description  4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7190 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7190 Datasheet HTML 9Page - Analog Devices AD7190 Datasheet HTML 10Page - Analog Devices AD7190 Datasheet HTML 11Page - Analog Devices AD7190 Datasheet HTML 12Page - Analog Devices AD7190 Datasheet HTML 13Page - Analog Devices AD7190 Datasheet HTML 14Page - Analog Devices AD7190 Datasheet HTML 15Page - Analog Devices AD7190 Datasheet HTML 16Page - Analog Devices AD7190 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Preliminary Technical Data
AD7190
Rev.PrD 7/08 | Page 13
CHOP ENABLED
Table 11 shows the AD7190’s rms noise for some of the update
rates and gain settings. The numbers given are for the bipolar
input range with an external 5 V reference. These numbers are
typical and are generated with a differential input voltage of 0 V.
Table 12 shows the effective resolution, while the output peak-
to-peak (p-p) resolution is listed in brackets. It is important to
note that the effective resolution is calculated using the rms
noise, while the p-p resolution is calculated based on peak-to-
peak noise. The p-p resolution represents the resolution for
which there will be no code flicker. These numbers are typical
and are rounded to the nearest half-LSB.
Table 11. RMS Noise (nV) vs. Gain and Output Update Rate (continuous conversion mode) Using a 5 V Reference - Chop Enabled
Filter Word
(Decimal)
Update
Rate (Hz)
Gain of 1
Gain of 8
Gain of 16
Gain of 32
Gain of 64
Gain of 128
1023
1.56
125
18.74
9.35
7.44
6.15
5.43
640
2.5
173
21.92
11.4
9.28
7.76
7.09
480
3.33
195
29
14.48
10.90
9.06
7.59
96
16.6
429
66
34
26.11
20.99
18.14
16
100
990
145
79.2
59.4
51.77
44.62
2
800
40666
4950
2524
1252
634
328
1
1600
309783
38672
19332
10055
4872
2461
Table 12. Typical Resolution (Bits) vs. Gain and Output Update Rate (continuous conversion mode) Using a 5 V Reference - Chop
Enabled
Filter Word
(Decimal)
Update
Rate (Hz)
Gain of 1
Gain of 8
Gain of 16
Gain of 32
Gain of 64
Gain of 128
1023
1.56
24 (23.5)
24 (23.5)
24 (23.5)
24 (22.5)
24 (22)
24 (21.5)
640
2.5
24 (23.5)
24 (23)
24 (23)
24 (22.5)
24 (21.5)
23.5 (21)
480
3.33
24 (23)
24 (22.5)
24 (22.5)
24 (22)
24 (21.5)
23 (20.5)
96
16.6
24 (22)
24 (21.5)
24 (21.5)
23.5 (21)
23 (20.5)
22 (19.5)
16
100
23.5 (21)
23 (20.5)
23 (20.5)
22.5 (20)
21.5 (19)
21 (18.5)
2
800
18 (15.5)
18 (15.5)
18 (15.5)
18 (15.5)
18 (15.5)
18 (15.5)
1
1600
15 (12.5)
15 (12.5)
15 (12.5)
15 (12.5)
15 (12.5)
15 (12.5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com