Electronic Components Datasheet Search
  English  ▼

X  

32C81 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # 32C81
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C81 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button 32C81 Datasheet HTML 52Page - Renesas Technology Corp 32C81 Datasheet HTML 53Page - Renesas Technology Corp 32C81 Datasheet HTML 54Page - Renesas Technology Corp 32C81 Datasheet HTML 55Page - Renesas Technology Corp 32C81 Datasheet HTML 56Page - Renesas Technology Corp 32C81 Datasheet HTML 57Page - Renesas Technology Corp 32C81 Datasheet HTML 58Page - Renesas Technology Corp 32C81 Datasheet HTML 59Page - Renesas Technology Corp 32C81 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 85 page
background image
page 56
3
8
f
o
4
0
0
2
,
1
0
.
n
u
J
0
0
.
1
.
v
e
R
p
u
o
r
G
1
8
/
C
2
3
M
5. Electrical Characteristics
P6
P7
P8
P10
P9
P0
P1
P2
P3
P4
P5
30pF
P14
P13
P12
P15
P11
Note 1
NOTES:
1. P11 to P15 are provided in the 144-pin package only.
Figure 5.1 P0 to P15 Measurement Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com