Electronic Components Datasheet Search
  English  ▼

X  

32C81 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # 32C81
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C81 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button 32C81 Datasheet HTML 69Page - Renesas Technology Corp 32C81 Datasheet HTML 70Page - Renesas Technology Corp 32C81 Datasheet HTML 71Page - Renesas Technology Corp 32C81 Datasheet HTML 72Page - Renesas Technology Corp 32C81 Datasheet HTML 73Page - Renesas Technology Corp 32C81 Datasheet HTML 74Page - Renesas Technology Corp 32C81 Datasheet HTML 75Page - Renesas Technology Corp 32C81 Datasheet HTML 76Page - Renesas Technology Corp 32C81 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 85 page
background image
page 73
3
8
f
o
4
0
0
2
,
1
0
.
n
u
J
0
0
.
1
.
v
e
R
p
u
o
r
G
1
8
/
C
2
3
M
5. Electrical Characteristics (VCC=3.3V)
VCC = 3.3V
Switching Characteristics
(VCC = 3.0 to 3.6V, VSS = 0V at Topr = –20 to 85oC unless otherwise specified)
Table 5.42 Memory Expansion Mode and Microprocessor Mode
(With a Wait State, Accessing an External Memory and Selecting the DRAM Area)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
t
n
e
m
e
r
u
s
a
e
M
n
o
i
t
i
d
n
o
c
d
r
a
d
n
a
t
S
t
i
n
U
n
i
Mx
a
M
d
t
)
D
A
-
K
L
C
B
(
e
m
i
t
y
a
l
e
d
t
u
p
t
u
o
s
s
e
r
d
d
a
w
o
R
8
1s
n
h
t
)
D
A
-
K
L
C
B
(
)
d
r
a
d
n
a
t
s
K
L
C
B
(
e
m
i
t
d
l
o
h
t
u
p
t
u
o
s
s
e
r
d
d
a
w
o
R
0s
n
h
t
)
D
A
C
-
K
L
C
B
(
e
m
i
t
y
a
l
e
d
t
u
p
t
u
o
s
s
e
r
d
d
a
n
m
u
l
o
C
8
1s
n
d
t
)
D
A
C
-
K
L
C
B
(
)
d
r
a
d
n
a
t
s
K
L
C
B
(
e
m
i
t
d
l
o
h
t
u
p
t
u
o
s
s
e
r
d
d
a
n
m
u
l
o
C
0s
n
h
t
)
D
A
R
-
S
A
R
(
t
u
p
t
u
o
S
A
R
r
e
t
f
a
e
m
i
t
d
l
o
h
t
u
p
t
u
o
s
s
e
r
d
d
a
w
o
R
)
1
e
t
o
N
(s
n
d
t
)
S
A
R
-
K
L
C
B
(
)
d
r
a
d
n
a
t
s
K
L
C
B
(
e
m
i
t
y
a
l
e
d
t
u
p
t
u
o
S
A
R
8
1s
n
h
t
)
S
A
R
-
K
L
C
B
(
)
d
r
a
d
n
a
t
s
K
L
C
B
(
e
m
i
t
d
l
o
h
t
u
p
t
u
o
S
A
R
0s
n
t P
R
e
m
i
t
d
l
o
h
)
"
H
"
(
h
g
i
h
S
A
R
)
1
e
t
o
N
(s
n
d
t
)
S
A
C
-
K
L
C
B
(
)
d
r
a
d
n
a
t
s
K
L
C
B
(
e
m
i
t
y
a
l
e
d
t
u
p
t
u
o
S
A
C
8
1s
n
h
t
)
S
A
C
-
K
L
C
B
(
)
d
r
a
d
n
a
t
s
K
L
C
B
(
e
m
i
t
d
l
o
h
t
u
p
t
u
o
S
A
C
0s
n
d
t
)
W
D
-
K
L
C
B
(
)
d
r
a
d
n
a
t
s
K
L
C
B
(
e
m
i
t
y
a
l
e
d
t
u
p
t
u
o
W
D
8
1s
n
h
t
)
W
D
-
K
L
C
B
(
)
d
r
a
d
n
a
t
s
K
L
C
B
(
e
m
i
t
d
l
o
h
t
u
p
t
u
o
W
D
3
-s
n
u
s
t
)
S
A
C
-
B
D
(
t
u
p
t
u
o
B
D
r
e
t
f
a
e
m
i
t
p
u
t
e
s
t
u
p
t
u
o
S
A
C
)
1
e
t
o
N
(s
n
h
t
B
D
-
K
L
C
B
(
)
d
r
a
d
n
a
t
s
K
L
C
B
(
e
m
i
t
d
l
o
h
t
u
p
t
u
o
l
a
n
g
i
s
B
D
7
-s
n
u
s
t
)
S
A
R
-
S
A
C
(
)
h
s
e
r
f
e
r
(
t
u
p
t
u
o
S
A
R
e
r
o
f
e
b
e
m
i
t
p
u
t
e
s
t
u
p
t
u
o
S
A
C
)
1
e
t
o
N
(s
n
:
S
E
T
O
N
.
y
c
n
e
u
q
e
r
f
K
L
C
B
e
h
t
o
t
g
n
i
d
r
o
c
c
a
s
n
o
i
s
s
e
r
p
x
e
g
n
i
w
o
ll
o
f
e
h
t
m
o
r
f
d
e
n
i
a
t
b
o
e
b
n
a
c
e
u
l
a
v
A
.
1
tsu(CAS – RAS) =
f(BCLK) X 2
10
9
– 13
[ns]
th(RAS – RAD) =
f(BCLK) X 2
10
9
– 13
[ns]
tRP =
f(BCLK) X 2
10 X 3
9
– 20 [ns]
tsu(DB – CAS) =
f(BCLK)
10
9
– 20
[ns]
See Figure 5.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com