Electronic Components Datasheet Search
  English  ▼

X  

32C81 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # 32C81
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C81 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button 32C81 Datasheet HTML 15Page - Renesas Technology Corp 32C81 Datasheet HTML 16Page - Renesas Technology Corp 32C81 Datasheet HTML 17Page - Renesas Technology Corp 32C81 Datasheet HTML 18Page - Renesas Technology Corp 32C81 Datasheet HTML 19Page - Renesas Technology Corp 32C81 Datasheet HTML 20Page - Renesas Technology Corp 32C81 Datasheet HTML 21Page - Renesas Technology Corp 32C81 Datasheet HTML 22Page - Renesas Technology Corp 32C81 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 85 page
background image
page 19
3
8
f
o
4
0
0
2
,
1
0
.
n
u
J
0
0
.
1
.
v
e
R
p
u
o
r
G
1
8
/
C
2
3
M
1. Overview
I/O
I
O
I/O
I
I
O
O
I/O
I/O
O
I/O
I
I
O
O
I/O
I
O
I/O
I
O
I/O
I
I
O
O
I
P110 to P114
INPC11, INPC12
OUTC10 to OUTC13
ISCLK1
ISRxD1
BE1IN
ISTxD1
BE1OUT
P120 to P127
P130 to P137
OUTC20 to OUTC27
ISCLK2
ISRxD2
IEIN
ISTxD2
IEOUT
P140 to P146
INPC16,INPC17
OUTC14 to OUTC17
P150 to P157
INPC00 to INPC07
OUTC00, OUTC01
OUTC04, OUTC05
ISCLK0
ISRxD0
BE0IN
ISTxD0
BE0OUT
AN150 toAN157
I/O port P11
Intelligent I/O pin
I/O port P12
I/O port P13
Intelligent I/O pin
I/O port P14
Intelligent I/O pin
I/O port P15
Intelligent I/O pin
Analog input port
5-bit I/O ports having equivalent functions to P0.
INPC11 and INPC12 are input pins for the time measurement function.
OUTC10 to OUTC13 are output pins for the waveform generating function.
ISCLK1 inputs and outputs the clock for the intelligent I/O communication
function.
ISRxD1 and BE1IN input received data for the intelligent I/O communication
function.
ISTxD1 and BE1OUT output transmit data for the intelligent I/O communication
function.
8-bit I/O ports having equivalent functions to P0
8-bit I/O ports having equivalent functions to P0
OUTC20 to OUTC27 are output pins for the waveform generating function.
ISCLK2 inputs and outputs the clock for the intelligent I/O communication
function.
ISRxD2 and IEIN input received data for the intelligent I/O communication
function.
ISTxD2 and IEOUT output transmit data for the intelligent I/O communication
function.
7-bit I/O ports having equivalent functions to P0
INPC16 and INPC17 are input pins for the time measurement function.
OUTC14 to OUTC17 are output pins for the waveform generating function.
8-bit I/O ports having equivalent functions to P0
INPC00 to INPC07 are input pins for the time measurement function.
OUTC00, OUTC01, OUTC04 and OUTC05 are output pins for the waveform
generating function.
ISCLK0 inputs and outputs the clock for the intelligent I/O communication
function.
ISRxD0 and BE0IN input received data for the intelligent I/O communication
function.
ISTxD0 and BE0OUT output transmit data for the intelligent I/O communication
function.
Analog input pins for the A/D converter
Symbol
Function
I/O type
Description
I : Input
O : Output
I/O : Input and output
Table 1.6 Pin Description (144-Pin Package only) (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com