Electronic Components Datasheet Search
  English  ▼

X  

32C81 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # 32C81
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C81 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button 32C81 Datasheet HTML 19Page - Renesas Technology Corp 32C81 Datasheet HTML 20Page - Renesas Technology Corp 32C81 Datasheet HTML 21Page - Renesas Technology Corp 32C81 Datasheet HTML 22Page - Renesas Technology Corp 32C81 Datasheet HTML 23Page - Renesas Technology Corp 32C81 Datasheet HTML 24Page - Renesas Technology Corp 32C81 Datasheet HTML 25Page - Renesas Technology Corp 32C81 Datasheet HTML 26Page - Renesas Technology Corp 32C81 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 85 page
background image
page 23
3
8
f
o
4
0
0
2
,
1
0
.
n
u
J
0
0
.
1
.
v
e
R
p
u
o
r
G
1
8
/
C
2
3
M
3. Memory
3. Memory
Figure 3.1 shows a memory map of the M32C/81 group.
M32C/81 provides 16-Mbyte address space from addresses 00000016 to FFFFFF16.
The internal ROM is allocated in lower addresses beginning with address FFFFFF16. For example, a 64-
Kbyte internal ROM is allocated in addresses FF000016 to FFFFFF16.
The fixed interrupt vectors are allocated in addresses FFFFDC16 to FFFFFF16. It stores the starting ad-
dress of each interrupt routine.
The internal RAM is allocated in higher addresses beginning with address 00040016. For example, a 10-
Kbyte internal RAM is allocated in addresses 00040016 to 002BFF16. Besides storing data, it becomes
stacks when the subroutine is called or an interrupt is acknowleged.
The SFR is allocated in addresses 00000016 to 0003FF16. The control registers for peripheral functions
such as I/O port, A/D conversion, serial I/O, timer are allocated here. All addresses, which have nothing
allocated within the SFR, are reserved space and cannot be accessed by users.
The special page vectors are allocated in addresses FFFE0016 to FFFFDB16. It is used for the JMPS
instruction and JSRS instruction. Refer to the Renesas publication Software Manual for details.
In memory expansion mode and microprocessor mode, some space are reserved and cannot be accessed
by users.
SFR
Internal RAM
Reserved space(1)
External space
BRK instruction
Overflow
Undefined instruction
FFFFFF16
NMI
Type number
Address
YYYYYY16
M30810MC-XXXFP/GP
M30812MC-XXXGP
M3081LMC-XXXFP/GP
M3081NMC-XXXGP
Address
XXXXXX16
00000016
00040016
XXXXXX16
00800016
F0000016
YYYYYY16
FFFFFF16
002BFF16
0033FF16
FE000016
Reserved space(2)
Internal RAM
Special page
vector table
Address match
Watchdog timer
Reset
NOTES:
1. In memory expansion and microprocessor modes
2. In memory expansion mode
FFFFDC16
FFFE0016
Figure 3.1 Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com