Electronic Components Datasheet Search
  English  ▼

X  

32C81 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # 32C81
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C81 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button 32C81 Datasheet HTML 24Page - Renesas Technology Corp 32C81 Datasheet HTML 25Page - Renesas Technology Corp 32C81 Datasheet HTML 26Page - Renesas Technology Corp 32C81 Datasheet HTML 27Page - Renesas Technology Corp 32C81 Datasheet HTML 28Page - Renesas Technology Corp 32C81 Datasheet HTML 29Page - Renesas Technology Corp 32C81 Datasheet HTML 30Page - Renesas Technology Corp 32C81 Datasheet HTML 31Page - Renesas Technology Corp 32C81 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 85 page
background image
page 28
3
8
f
o
4
0
0
2
,
1
0
.
n
u
J
0
0
.
1
.
v
e
R
p
u
o
r
G
1
8
/
C
2
3
M
4. Special Function Registers (SFR)
Address
Register
Symbol
Value after RESET
00C016
XX16
Group 0 time measurement/waveform generating register 0
G0TM0/G0PO0
00C116
XX16
00C216
XX16
Group 0 time measurement/waveform generating register 1
G0TM1/G0PO1
00C316
XX16
00C416
XX16
Group 0 time measurement/waveform generating register 2
G0TM2/G0PO2
00C516
XX16
00C616
XX16
Group 0 time measurement/waveform generating register 3
G0TM3/G0PO3
00C716
XX16
00C816
XX16
Group 0 time measurement/waveform generating register 4
G0TM4/G0PO4
00C916
XX16
00CA16
XX16
Group 0 time measurement/waveform generating register 5
G0TM5/G0PO5
00CB16
XX16
00CC16
XX16
Group 0 time measurement/waveform generating register 6
G0TM6/G0PO6
00CD16
XX16
00CE16
XX16
Group 0 time measurement/waveform generating register 7
G0TM7/G0PO7
00CF16
XX16
00D016
Group 0 waveform generating control register 0
G0POCR0
0X00 X0002
00D116
Group 0 waveform generating control register 1
G0POCR1
0X00 X0002
00D216
Group 0 waveform generating control register 2
G0POCR2
0X00 X0002
00D316
Group 0 waveform generating control register 3
G0POCR3
0X00 X0002
00D416
Group 0 waveform generating control register 4
G0POCR4
0X00 X0002
00D516
Group 0 waveform generating control register 5
G0POCR5
0X00 X0002
00D616
Group 0 waveform generating control register 6
G0POCR6
0X00 X0002
00D716
Group 0 waveform generating control register 7
G0POCR7
0X00 X0002
00D816
Group 0 time measurement control register 0
G0TMCR0
0016
00D916
Group 0 time measurement control register 1
G0TMCR1
0016
00DA16
Group 0 time measurement control register 2
G0TMCR2
0016
00DB16
Group 0 time measurement control register 3
G0TMCR3
0016
00DC16
Group 0 time measurement control register 4
G0TMCR4
0016
00DD16
Group 0 time measurement control register 5
G0TMCR5
0016
00DE16
Group 0 time measurement control register 6
G0TMCR6
0016
00DF16
Group 0 time measurement control register 7
G0TMCR7
0016
00E016
XX16
Group 0 base timer register
G0BT
00E116
XX16
00E216
Group 0 base timer control register 0
G0BCR0
0016
00E316
Group 0 base timer control register 1
G0BCR1
0016
00E416
Group 0 time measurement prescaler register 6
G0TPR6
0016
00E516
Group 0 time measurement prescaler register 7
G0TPR7
0016
00E616
Group 0 function enable register
G0FE
0016
00E716
Group 0 function select register
G0FS
0016
00E816
XXXX XXXX2
Group 0 SI/O receive buffer register
G0RB
00E916
XX00 XXXX2
00EA16
Group 0 transmit buffer/receive data register
G0TB/G0DR
XX16
00EB16
00EC16
Group 0 receive input register
G0RI
XX16
00ED16
Group 0 SI/O communication mode register
G0MR
0016
00EE16
Group 0 transmit output register
G0TO
XX16
00EF16
Group 0 SI/O communication control register
G0CR
0000 X0002
X: Indeterminate
Blank spaces are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com