Electronic Components Datasheet Search
  English  ▼

X  

32C81 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # 32C81
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C81 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button 32C81 Datasheet HTML 27Page - Renesas Technology Corp 32C81 Datasheet HTML 28Page - Renesas Technology Corp 32C81 Datasheet HTML 29Page - Renesas Technology Corp 32C81 Datasheet HTML 30Page - Renesas Technology Corp 32C81 Datasheet HTML 31Page - Renesas Technology Corp 32C81 Datasheet HTML 32Page - Renesas Technology Corp 32C81 Datasheet HTML 33Page - Renesas Technology Corp 32C81 Datasheet HTML 34Page - Renesas Technology Corp 32C81 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 85 page
background image
page 31
3
8
f
o
4
0
0
2
,
1
0
.
n
u
J
0
0
.
1
.
v
e
R
p
u
o
r
G
1
8
/
C
2
3
M
4. Special Function Registers (SFR)
Address
Register
Symbol
Value after RESET
015016
Group 2 waveform generating control register 0
G2POCR0
0016
015116
Group 2 waveform generating control register 1
G2POCR1
0016
015216
Group 2 waveform generating control register 2
G2POCR2
0016
015316
Group 2 waveform generating control register 3
G2POCR3
0016
015416
Group 2 waveform generating control register 4
G2POCR4
0016
015516
Group 2 waveform generating control register 5
G2POCR5
0016
015616
Group 2 waveform generating control register 6
G2POCR6
0016
015716
Group 2 waveform generating control register 7
G2POCR7
0016
015816
015916
015A16
015B16
015C16
015D16
015E16
015F16
016016
XX16
Group 2 base timer register
G2BT
016116
XX16
016216
Group 2 base timer control register 0
G2BCR0
0016
016316
Group 2 base timer control register 1
G2BCR1
0016
016416
Base timer start register
BTSR
XXXX 00002
016516
016616
Group 2 function enable register
G2FE
0016
016716
Group 2 RTP output buffer register
G2RTP
0016
016816
016916
016A16
Group 2 SI/O communication mode register
G2MR
00XX X0002
016B16
Group 2 SI/O communication control register
G2CR
0000 X0002
016C16
XX16
Group 2 SI/O transmit buffer register
G2TB
016D16
XX16
016E16
XX16
Group 2 SI/O receive buffer register
G2RB
016F16
XX16
017016
XX16
Group 2 IEBus address register
IEAR
017116
XX16
017216
Group 2 IEBus control register
IECR
00XX X0002
017316
Group 2 IEBus transmit interrupt cause detect register
IETIF
XXX0 00002
017416
Group 2 IEBus receive interrupt cause detect register
IERIF
XXX0 00002
017516
017616
017716
017816
Input function select register
IPS
0016
017916
017A16
017B16
017C16
017D16
017E16
017F16
to
01AF16
X: Indeterminate
Blank spaces are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com