Electronic Components Datasheet Search
  English  ▼

X  

32C81 Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # 32C81
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C81 Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button 32C81 Datasheet HTML 71Page - Renesas Technology Corp 32C81 Datasheet HTML 72Page - Renesas Technology Corp 32C81 Datasheet HTML 73Page - Renesas Technology Corp 32C81 Datasheet HTML 74Page - Renesas Technology Corp 32C81 Datasheet HTML 75Page - Renesas Technology Corp 32C81 Datasheet HTML 76Page - Renesas Technology Corp 32C81 Datasheet HTML 77Page - Renesas Technology Corp 32C81 Datasheet HTML 78Page - Renesas Technology Corp 32C81 Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 85 page
background image
page 75
3
8
f
o
4
0
0
2
,
1
0
.
n
u
J
0
0
.
1
.
v
e
R
p
u
o
r
G
1
8
/
C
2
3
M
5. Electrical Characteristics (VCC=3.3V)
BCLK
ALE
18ns.max
-2ns.min
RD
18ns.max
-3ns.min
Hi-Z
DB
0ns.min
0ns.min
td(BCLK-ALE)
th(BCLK-ALE)
td(BCLK-RD)
30ns.min(1)
tac2(RD-DB)(2)
CSi
td(BCLK-CS)
18ns.max(1)
ADi
18ns.max(1)
th(BCLK-AD)
0ns.min
th(BCLK-CS)
0ns.min
BHE
tcyc
td(BCLK-AD)
tac2(AD-DB)(2)
WR,WRL,
WRH
18ns.max
0ns.min
BCLK
CSi
18ns.max
ADi
18ns.max
0ns.min
0ns.min
tcyc
BHE
DBi
td(BCLK-WR)
ALE
18ns.max
-2ns.min
Vcc=3.3V
th(BCLK-RD)
th(RD-DB)
th(RD-AD)
tsu(DB-BCLK)
th(RD-CS)
0ns.min
th(BCLK-WR)
td(BCLK-CS)
td(BCLK-AD)
td(BCLK-ALE)
th(BCLK-AD)
th(BCLK-CS)
th(WR-CS)(1)
td(DB-WR)(1)
th(WR-DB)(1)
th(WR-AD)(1)
td(DB-WR)=(tcyc x n-20)ns.min
(n=1 when 1 wait, n=2 with 2 wait states and n=3 with 3 wait states)
th(WR-DB)=(tcyc/2-10)ns.min
th(WR-AD)=(tcyc/2-10)ns.min
th(WR-CS)=(tcyc/2-10)ns.min
tw(WR)=(tcyc/2 x n-15)ns.min
(n=1 with 1 wait state, n=3 with 2 wait states and n=5 with 3 wait
states)
NOTES:
1. It varies with the operation frequency.
Measurement conditions
• VCC=3.0 to 3.6V
• Input high and low voltage:
VIH=1.5V, VIL=0.5V
• Output high and low voltage:
VOH=1.5V, VOL=1.5V
NOTES:
1. A value is guarantee with no external factor. Maximum 35ns is garanteed for td(BCLK-AD)+tsu(DB-BCLK).
2. It varies with the operation frequency.
tac2(RD-DB)=(tcyc/2 x m-35)ns.max (m=3 with 1 wait state, m=5 with 2 wait states and m=7 with 3 wait states)
tac2(AD-DB)=(tcyc x n-35)ns.max (n=2 with 1 wait state, n=3 with 2 wait states and n=4 with 3 wait states)
th(BCLK-ALE)
Read timing
Write timing
Memory expansion mode and microprocessor mode (with a wait state)
tw(WR)(1)
Figure 5.11 VCC=3.3V Timing Diagram (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com