Electronic Components Datasheet Search
  English  ▼

X  

M3882 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # M3882
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3882 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button M3882 Datasheet HTML 41Page - Renesas Technology Corp M3882 Datasheet HTML 42Page - Renesas Technology Corp M3882 Datasheet HTML 43Page - Renesas Technology Corp M3882 Datasheet HTML 44Page - Renesas Technology Corp M3882 Datasheet HTML 45Page - Renesas Technology Corp M3882 Datasheet HTML 46Page - Renesas Technology Corp M3882 Datasheet HTML 47Page - Renesas Technology Corp M3882 Datasheet HTML 48Page - Renesas Technology Corp M3882 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 62 page
background image
Rev.1.01
Nov 14, 2005
page 45 of 60
REJ03B0089-0101
3882 Group
RESET CIRCUIT
____________
To reset the microcomputer, RESET pin should be held at an “L”
level for 16 XIN cycle or more. (When the power source voltage
should be between 3.3V ± 0.3V and the oscillation should be
____________
stable.) Then the RESET pin set to “H”, the reset state is released.
After the reset is completed, the program starts from the address
contained in address FFFD16 (high-order byte) and address
FFFC16 (low-order byte). Make sure that the reset input voltage is
less than 0.6 V for VCC of 3.0 V.
Fig. 40 Reset sequence
Fig. 39 Reset circuit example
RESET
Internal
reset
Data
φ
Address
SYNC
XIN: 10.5 to 18.5 clock cycles
XIN
?
?
?
?
?
FFFC
FFFD
ADH,L
?
?
?
?
?
ADL
ADH
1: The frequency relation of f(XIN) and f(
φ) is f(XIN)=8 • f(φ).
2: The question marks (?) indicate an undefined data that depends on the previous state.
Reset address from the vector table.
Notes
(Note)
0.2VCC
0V
0V
Poweron
VCC
RESET
VCC
RESET
Power source
voltage detection
circuit
Power source
voltage
Reset input
voltage
Note : Reset release voltage ; Vcc=3.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com