Electronic Components Datasheet Search
  English  ▼

X  

M3882 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # M3882
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3882 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button M3882 Datasheet HTML 14Page - Renesas Technology Corp M3882 Datasheet HTML 15Page - Renesas Technology Corp M3882 Datasheet HTML 16Page - Renesas Technology Corp M3882 Datasheet HTML 17Page - Renesas Technology Corp M3882 Datasheet HTML 18Page - Renesas Technology Corp M3882 Datasheet HTML 19Page - Renesas Technology Corp M3882 Datasheet HTML 20Page - Renesas Technology Corp M3882 Datasheet HTML 21Page - Renesas Technology Corp M3882 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 62 page
background image
Rev.1.01
Nov 14, 2005
page 18 of 60
REJ03B0089-0101
3882 Group
Fig. 13 Structure of port I/O related registers (1)
Port control register 1
b7
b0
Port control register 2
P00–P03 output structure selection bit
0: CMOS
1: N-channel open-drain
P04–P07 output structure selection bit
0: CMOS
1: N-channel open-drain
P10–P13 output structure selection bit
0: CMOS
1: N-channel open-drain
P14–P17 output structure selection bit
0: CMOS
1: N-channel open-drain
P30–P33 pull-up control bit
0: No pull-up
1: Pull-up
P34–P37 pull-up control bit
0: No pull-up
1: Pull-up
Not used (returns “0” when read)
P45 P-channel output disable bit
0: CMOS output (in output mode)
1: N-channel open drain output (in output mode)
P7 input level selection bit (P70-P75)
0: CMOS input level
1: TTL input level
P4 output structure selection bit (P42, P43, P44, P46)
0: CMOS
1: N-channel open-drain
P8 function selection bit
0: Port P8/Port P8 direction register
1: Port P4 input register/Port P7 input register
INT2, INT3, INT4 interrupt switch bit
0: INT20, INT30, INT40 interrupt
1: INT21, INT31, INT41 interrupt
Not used (returns “0” when read)
Oscillation stabilizing time set after STP instruction released bit
0: Automatic set “0116” to timer 1 and “FF16” to prescaler 12
1: No automatic set
Not used (returns “0” when read)
b7
b0
(PCTL1: address 002E16)
(PCTL2: address 002F16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com