Electronic Components Datasheet Search
  English  ▼

X  

M3882 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # M3882
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3882 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button M3882 Datasheet HTML 27Page - Renesas Technology Corp M3882 Datasheet HTML 28Page - Renesas Technology Corp M3882 Datasheet HTML 29Page - Renesas Technology Corp M3882 Datasheet HTML 30Page - Renesas Technology Corp M3882 Datasheet HTML 31Page - Renesas Technology Corp M3882 Datasheet HTML 32Page - Renesas Technology Corp M3882 Datasheet HTML 33Page - Renesas Technology Corp M3882 Datasheet HTML 34Page - Renesas Technology Corp M3882 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 62 page
background image
Rev.1.01
Nov 14, 2005
page 31 of 60
REJ03B0089-0101
3882 Group
[LPC Control Register (LPCCON)] 002A16
• SYNC output select bit (SYNCSEL)
“00”: OK
“01”: LONG & OK
“10”: Err
“11”: LONG & Err
• LPC interface software reset bit (LPCSR)
“0”: Reset release (automatic)
“1”: Reset
• LPC interface enable bit (LPCBEN)
“0”: P80–P86 works as port
“1”: P80–P86 works as LPC interface
• Data bus buffer 0 enable bit (DBBEN0)
“0”: Data bus buffer 0 disable
“1”: Data bus buffer 0 enable
• Data bus buffer 1 enable bit (DBBEN1)
“0”: Data bus buffer 1 disable
“1”: Data bus buffer 1 enable
Bits 0 and 1 of the LPC control register (LPCCON) specify the
SYNC code output.
Bit 2 of the LPC control register (LPCCON) enables the LPC inter-
face to enter the reset state by software. When LPCSR is set to
“1”, LPC interface is initialized in the same manner as the external
“L” input to LRESET pin (See Figure 30). Writing “0” to LPCSR the
reset state will be released after 1.5 cycle of
φ and this bit is
cleared to “0”.
[Data Bus Buffer Status Register i (i = 0, 1)
(DBBSTS0, DBBSTS1)] 002916, 002C16
Bits 0, 1 and 3 are read-only bits and indicate the status of the
data bus buffer. Bits 2, 4, 5, 6 and 7 are user definable flags which
can be read and written by software. The data bus buffer status
register can be read out by the host controller when bit 2 of the
slave address (A2) is “1”.
•Bit 0: Output buffer full flag i (OBFi)
This bit is set to “1” when a data is written into the output data bus
buffer i and cleared to “0” when the host controller reads out the
data from the output data bus buffer i.
•Bit 1: Input buffer full flag i (IBFi)
This bit is set to “1” when a data is written into the input data bus
buffer i by the host controller, and cleared to “0” when the data is
read out from the input data bus buffer i by the internal CPU.
•Bit 3: XA2 flag (XA2i)
The bit 2 of slave address is latched while a data is written into the
input data bus buffer i.
[Input Data Bus Buffer i(i=0,1)
(DBBIN0, DBBIN1)] 002816, 002B16
In I/O write cycle from the host controller, the data byte of the data
phase is latched to DBBINi (i=0,1). The data of DBBINi can be
read out form the data bus buffer registers (DBB0, DBB1) address
in SFR area.
[Output Data Bus Buffer i (i = 0, 1)
(DBBOUT0, DBBOUT1)] 002816, 002B16
Writing data to data bus buffer registers (DBB0 , DBB1) address
from the internal CPU means writing to DBBOUTi (i = 0, 1). The
data of DBBOUTi (i = 1, 0) is read out from the host controller
when bit 2 of slave address (A2) is “0”.
[LPCi address register H/L
(LPC0ADL, LPC1ADL / LPC0ADH, LPC1ADH)]
0FF016 to 0FF316
The slave addresses of data bus buffer channel i(i=0,1) are defin-
able by setting LPCi address registers H/L (LPC0ADL, LPC0ADH,
LPC1ADL, LPC1ADH ). These registers can be set and cleared
any time. When the internal CPU reads LPCi address register L,
the bit 2 (A2) is fixed to “0”. The bit 2 of slave address (A2) is
latched to XA2i flag when the host controller writes the data. The
slave addresses, set in these registers, is used for comparing with
the addresses from the host controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com