Electronic Components Datasheet Search
  English  ▼

X  

M3882 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # M3882
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3882 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button M3882 Datasheet HTML 52Page - Renesas Technology Corp M3882 Datasheet HTML 53Page - Renesas Technology Corp M3882 Datasheet HTML 54Page - Renesas Technology Corp M3882 Datasheet HTML 55Page - Renesas Technology Corp M3882 Datasheet HTML 56Page - Renesas Technology Corp M3882 Datasheet HTML 57Page - Renesas Technology Corp M3882 Datasheet HTML 58Page - Renesas Technology Corp M3882 Datasheet HTML 59Page - Renesas Technology Corp M3882 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 62 page
background image
Rev.1.01
Nov 14, 2005
page 56 of 60
REJ03B0089-0101
3882 Group
Table 18 Timing requirements
(VCC = 3.3 V ± 0.3V, VSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
Reset input “L” pulse width
Main clock input cycle time
Main clock input “H” pulse width
Main clock input “L” pulse width
CNTR0, CNTR1 input cycle time
CNTR0, CNTR1 input “H” pulse width
CNTR0, CNTR1 input “L” pulse width
INT0, INT1, INT20, INT30, INT40, INT21, INT31, INT41
input “H” pulse width
INT0, INT1, INT20, INT30, INT40, INT21, INT31, INT41
input “L” pulse width
tW(RESET)
tC(XIN)
tWH(XIN)
tWL(XIN)
tC(CNTR)
tWH(CNTR)
tWL(CNTR)
Limits
tc(XIN)
ns
ns
ns
ns
ns
ns
ns
ns
Parameter
Min.
16
125
50
50
200
80
80
Typ.
Max.
Symbol
Unit
Table 19 Switching characteristics
(VCC = 3.3 V ± 0.3V, VSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
CMOS output rising time (Note 1)
CMOS output falling time (Note 1)
tr (CMOS)
tf (CMOS)
Limits
ns
ns
Parameter
Min.
Typ.
10
10
Max.
30
30
Symbol
Unit
Notes 1: The XOUT pin is excluded.
Test
conditions
Fig. 46
tWH(INT)
tWL(INT)
80
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com