Electronic Components Datasheet Search
  English  ▼

X  

M3882 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # M3882
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3882 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button M3882 Datasheet HTML 29Page - Renesas Technology Corp M3882 Datasheet HTML 30Page - Renesas Technology Corp M3882 Datasheet HTML 31Page - Renesas Technology Corp M3882 Datasheet HTML 32Page - Renesas Technology Corp M3882 Datasheet HTML 33Page - Renesas Technology Corp M3882 Datasheet HTML 34Page - Renesas Technology Corp M3882 Datasheet HTML 35Page - Renesas Technology Corp M3882 Datasheet HTML 36Page - Renesas Technology Corp M3882 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 62 page
background image
Rev.1.01
Nov 14, 2005
page 33 of 60
REJ03B0089-0101
3882 Group
LPCi address register L (i=0,1) (Note2)
b7
b6
b5
b4
b3
b2
b1
b0
LPCi address register H (i=0,1)
b7
b6
b5
b4
b3
b2
b1
b0
Notes 1: Always returnes “0” when read , even if writing “1” to this bit.
2: Do not set the same 16-bit slave address to both channel 0 and channel 1.
Bit name
Bit symbol
LPCSAD0
Slave address bit 0
Slave address bit 1
Slave address bit 2 (Note 1)
Slave address bit 3
Slave address bit 4
Slave address bit 5
Slave address bit 6
Slave address bit 7
LPCSAD1
LPCSAD2
LPCSAD3
LPCSAD4
LPCSAD5
LPCSAD6
LPCSAD7
W
R
LPCSAD8
Slave address bit 8
Slave address bit 9
Slave address bit 10
Slave address bit 11
Slave address bit 12
Slave address bit 13
Slave address bit 14
Slave address bit 15
LPCSAD9
LPCSAD10
LPCSAD11
LPCSAD12
LPCSAD13
LPCSAD14
LPCSAD15
W
R
Bit name
Bit symbol
Symbol
Address
When reset
LPC0ADL
0FF02
000000002
LPC1ADL
0FF22
000000002
Symbol
Address
When reset
LPC0ADH
0FF12
000000002
LPC1ADH
0FF32
000000002
Fig. 27 LPC related registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com