Electronic Components Datasheet Search
  English  ▼

X  

3820 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # 3820
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3820 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button 3820 Datasheet HTML 45Page - Renesas Technology Corp 3820 Datasheet HTML 46Page - Renesas Technology Corp 3820 Datasheet HTML 47Page - Renesas Technology Corp 3820 Datasheet HTML 48Page - Renesas Technology Corp 3820 Datasheet HTML 49Page - Renesas Technology Corp 3820 Datasheet HTML 50Page - Renesas Technology Corp 3820 Datasheet HTML 51Page - Renesas Technology Corp 3820 Datasheet HTML 52Page - Renesas Technology Corp 3820 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 67 page
background image
48
3820 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
Note : When “1” is set to port XC switch bit (bit 4 of address 003B16) of CPU mode register, the drive ability of port P70 is different from the
value above mentioned.
“H” output voltage P00–P07, P10–P17, P30–P37
“H” output voltage P20–P27, P41–P47,P50–P57,
P60, P61, P70, P71 (Note 1)
“L” output voltage
P00–P07, P10–P17, P30–P37
“L” output voltage
P20–P27, P41–P47, P50–P57,
P60, P61, P70, P71 (Note 1)
Hysteresis
CNTR0, CNTR1, INT0–INT3, P20–P27
Hysteresis
RXD, SCLK1, SIN2, SCLK2
Hysteresis
RESET
“H” input current
P00–P07, P10–P17, P30–P37
“H” input current
P20–P27, P40–P47, P50–P57,
P60, P61, P70, P71
“H” input current
RESET
“H” input current
XIN
“L” input current
P00–P07, P10–P17, P30–P37,
P40, P70
“L” input current
P20–P27, P41–P47, P50–P57,
P60, P61, P71
“L” input current
RESET
“L” input current
XIN
RAM hold voltage
Symbol
Parameter
Limits
Min.
V
V
V
V
V
V
V
V
V
V
V
V
V
V
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
V
Unit
0.5
0.5
0.5
70
25
4.0
–70
–25
–4.0
Typ.
Max.
IOH = –0.1 mA
IOH = –25
µA
VCC = 2.5 V
IOH = –5 mA
IOH = –1.25 mA
IOH = –1.25 mA
VCC = 2.5 V
IOL = 5 mA
IOL = 1.25 mA
IOL = 1.25 mA
VCC = 2.5 V
IOL = 10 mA
IOL = 2.5 mA
IOL = 2.5 mA
VCC = 2.5 V
RESET: VCC=2.5 V to 5.5 V
VI = VCC
Pull-downs “off”
VCC= 5.0 V, VI = VCC
Pull-downs “on”
VCC= 3.0 V, VI = VCC
Pull-downs “on”
VI = VCC
VI = VCC
VI = VCC
VI = VSS
Pull-ups “off”
VCC= 5.0 V, VI = VSS
Pull-ups “on”
VCC= 3.0 V, VI = VSS
Pull-ups “on”
VI = VSS
VI = VSS
When clock is stopped
Test conditions
VT+ – VT–
VT+ – VT–
VT+ – VT–
IIH
IIH
IIH
IIH
IIL
IIL
IIL
IIL
VRAM
VOH
VOH
VOL
VOL
VCC–2.0
VCC–1.0
VCC–2.0
VCC–0.5
VCC–1.0
30
6.0
–30
–6
2.0
2.0
0.5
1.0
2.0
0.5
1.0
5.0
140
45
5.0
5.0
–5.0
–5.0
–140
–45
–5.0
5.5
ELECTRICAL CHARACTERISTICS (VCC =4.0 to 5.5 V, Ta = –20 to 85
°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com