Electronic Components Datasheet Search
  English  ▼

X  

3820 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # 3820
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3820 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button 3820 Datasheet HTML 55Page - Renesas Technology Corp 3820 Datasheet HTML 56Page - Renesas Technology Corp 3820 Datasheet HTML 57Page - Renesas Technology Corp 3820 Datasheet HTML 58Page - Renesas Technology Corp 3820 Datasheet HTML 59Page - Renesas Technology Corp 3820 Datasheet HTML 60Page - Renesas Technology Corp 3820 Datasheet HTML 61Page - Renesas Technology Corp 3820 Datasheet HTML 62Page - Renesas Technology Corp 3820 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 67 page
background image
58
3820 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
Power source voltage
Input voltage P00–P07, P10–P17, P20–P27,
P30–P37, P40–P47, P50–P57,
P60, P61, P70, P71
Input voltage VL1
Input voltage VL2
Input voltage VL3
Input voltage RESET, XIN
Output voltage P00–P07, P10–P17
Output voltage P30–P37
Output voltage P20–P27, P41–P47, P50–P57,
P60, P61, P70, P71
Output voltage SEG0–SEG15
Output voltage XOUT
Power dissipation
Operating temperature
Storage temperature
VCC
VI
VI
VI
VI
VI
VO
VO
VO
VO
VO
Pd
Topr
Tstg
Symbol
Parameter
Conditions
Ratings
–0.3 to 7.0
–0.3 to VCC +0.3
–0.3 to VL2
VL1 to VL3
VL2 to VCC +0.3
–0.3 to VCC +0.3
–0.3 to VCC +0.3
–0.3 to VL3 +0.3
–0.3 to VL3 +0.3
–0.3 to VCC +0.3
–0.3 to VL3 +0.3
–0.3 to VCC +0.3
300
–20 to 85
–40 to 150
V
V
V
V
V
V
V
V
V
V
V
V
mW
°C
°C
Unit
All voltages are based on VSS.
Output transistors are cut off.
At output port
At segment output
At segment output
Ta = 25
°C
(VCC = 2.2 to 5.5 V, Ta = –20 to 85
°C, unless otherwise noted.)
5.5
5.5
5.5
VCC
VCC
VCC
VCC
0.3 VCC
0.2 VCC
0.2 VCC
0.2 VCC
High-speed mode f(XIN)=8 MHz
Power source voltage
Middle-speed mode f(XIN)=8 MHz
Low-speed mode
Power source voltage
“H” input voltage
P00–P07, P10–P17, P30–P37, P41, P45, P47, P51,
P53, P56, P61, P70, P71 (CM4=0)
“H” input voltage
P20–P27, P42–P44, P46, P50, P52, P54, P55, P57,
P60
“H” input voltage
RESET
“H” input voltage
XIN
“L” input voltage
P00–P07, P10–P17, P30–P37, P40, P41, P45, P47,
P51, P53, P56, P61, P70, P71 (CM4=0)
“L” input voltage
P20–P27, P42–P44, P46, P50, P52, P54, P55, P57,
P60
“L” input voltage
RESET
“L” input voltage
XIN
VCC
VSS
VIH
VIH
VIH
VIH
VIL
VIL
VIL
VIL
Symbol
Parameter
Limits
Min.
V
V
V
V
V
V
V
V
V
V
Unit
4.0
2.2
2.2
0.7 VCC
0.8 VCC
0.8 VCC
0.8 VCC
0
0
0
0
5.0
5.0
5.0
0
Typ.
Max.
ABSOLUTE MAXIMUM RATINGS (Low Power Source Voltage Version)
RECOMMENDED OPERATING CONDITIONS (Low Power Source Voltage Version)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com