Electronic Components Datasheet Search
  English  ▼

X  

3820 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 3820
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3820 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 3820 Datasheet HTML 11Page - Renesas Technology Corp 3820 Datasheet HTML 12Page - Renesas Technology Corp 3820 Datasheet HTML 13Page - Renesas Technology Corp 3820 Datasheet HTML 14Page - Renesas Technology Corp 3820 Datasheet HTML 15Page - Renesas Technology Corp 3820 Datasheet HTML 16Page - Renesas Technology Corp 3820 Datasheet HTML 17Page - Renesas Technology Corp 3820 Datasheet HTML 18Page - Renesas Technology Corp 3820 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 67 page
background image
14
MITSUBISHI MICROCOMPUTERS
3820 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Related SFRs
PULL register A
Segment output
enable register
PULL register A
Segment output
enable register
PULL register A
Interrupt control
register 2
PULL register A
Segment output
enable register
PULL register B
φ output control
register
PULL register B
Interrupt edge selection
register
PULL register B
Serial I/O1 control register
Serial I/O1 status register
UART control register
PULL register B
Serial I/O2 control
register
PULL register B
Timer X mode register
PULL register B
Timer Y mode register
PULL register B
Timer 123 mode register
PULL register B
Interrupt edge
selection register
PULL register B
Timer X mode register
Interrupt edge
selection register
PULL register B
Timer X mode register
PULL register A
CPU mode register
LCD mode register
Pin
P00/SEG24–
P07/SEG31
P10/SEG32–
P17/SEG39
P20 – P27
P30/SEG16–
P37/SEG23
P40
P41/
φ
P42/INT0,
P43/INT1
P44/RXD
P45/TXD
P46/SCLK1
P47/SRDY1
P50/SIN2
P51/SOUT2
P52/SCLK2
P53/SRDY2
P54/CNTR0
P55/CNTR1
P56/TOUT
P57/INT2
P60/INT3/RTP0
P61/RTP1
P70/XCOUT
P71/XCIN
COM0-COM3
SEG0-SEG15
Name
Port P0
Port P1
Port P2
Port P3
Port P4
Port P5
Port P6
Port P7
Common
Segment
Input/Output
Input/output,
individual ports
Input/output,
individual ports
Input/output,
individual bits
Input
Input
Input/output,
individual bits
Input/output,
individual bits
Input/output,
individual bits
Input/output,
individual bits
output
output
I/O Format
CMOS compatible
input level
CMOS 3-state output
CMOS compatible
input level
CMOS 3-state output
CMOS compatible
input level
CMOS 3-state output
CMOS compatible
input level
CMOS compatible
input level
CMOS compatible
input level
CMOS 3-state output
CMOS compatible
input level
CMOS 3-state output
CMOS compatible
input level
CMOS 3-state output
CMOS compatible
input level
CMOS 3-state output
LCD common output
LCD segment output
Non-Port Function
LCD segment output
LCD segment output
Key input(Key-on
wake up) interrupt
input
LCD segment output
φ clock output
External interrupt input
Serial I/O1 function I/O
Serial I/O2 function I/O
Timer I/O
Timer I/O
Timer output
External interrupt input
External interrupt input
Real time port
function output
Real time port
function output
Sub-clock
generating circuit
I/O
Diagram No.
(1)
(2)
(3)
(4)
(5)
(2)
(6)
(7)
(8)
(9)
(10)
(11)
(12)
(13)
(14)
(10)
(15)
(2)
(16)
(17)
(18)
(19)
(20)
Note : Make sure that the input level at each pin is either 0 V or VCC during execution of the STP instruction.
When an input level is at an intermediate potential, a current will flow from VCC to VSS through the input-stage gate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com