Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 4502
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 4 Page - Renesas Technology Corp

  4502 Datasheet HTML 1Page - Renesas Technology Corp 4502 Datasheet HTML 2Page - Renesas Technology Corp 4502 Datasheet HTML 3Page - Renesas Technology Corp 4502 Datasheet HTML 4Page - Renesas Technology Corp 4502 Datasheet HTML 5Page - Renesas Technology Corp 4502 Datasheet HTML 6Page - Renesas Technology Corp 4502 Datasheet HTML 7Page - Renesas Technology Corp 4502 Datasheet HTML 8Page - Renesas Technology Corp 4502 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 116 page
background image
Rev.3.01
2005.02.02
page 4 of 112
REJ03B0105-0301
4502 Group
PIN DESCRIPTION
Name
Power supply
Ground
CNVSS
Reset input/output
System clock input
I/O port D
I/O port P0
I/O port P1
I/O port P2
I/O port P3
I/O port C
I/O port K
Timer input/output
Interrupt input
Analog input
Pin
VDD
VSS
CNVSS
RESET
XIN
D0–D5
P00–P03
P10–P13
P20, P21
P30, P31
Port C
Port K
CNTR
INT
AIN0–AIN3
Input/Output
—
—
—
I/O
Input
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
Input
Input
Function
Connected to a plus power supply.
Connected to a 0 V power supply.
Connect CNVSS to VSS and apply “L” (0V) to CNVSS certainly.
An N-channel open-drain I/O pin for a system reset. When the watchdog timer, the
built-in power-on reset or the voltage drop detection circuit causes the system to be
reset, the RESET pin outputs “L” level.
I/O pins of the system clock generating circuit. When using a ceramic resonator, connect
it between pins XIN and XOUT. A feedback resistor is built-in between them. When using
the RC oscillation, connect a resistor and a capacitor to XIN, and leave XOUT pin open.
Each pin of port D has an independent 1-bit wide I/O function. Each pin has an out-
put latch. For input use, set the latch of the specified bit to “1.” Input is examined by
skip decision. The output structure is N-channel open-drain. Ports D2 and D3 are
equipped with a pull-up function and a key-on wakeup function. Both functions can
be switched by software.
Ports D2 and D3 are also used as ports C and K, respectively.
Port P0 serves as a 4-bit I/O port, and it can be used as inputs when the output latch
is set to “1.” The output structure is N-channel open-drain. Port P0 has a key-on
wakeup function and a pull-up function. Both functions can be switched by software.
Port P1 serves as a 4-bit I/O port, and it can be used as inputs when the output latch
is set to “1.” The output structure is N-channel open-drain. Port P1 has a key-on
wakeup function and a pull-up function. Both functions can be switched by software.
Ports P12 and P13 are also used as CNTR and INT, respectively.
Port P2 serves as a 2-bit I/O port, and it can be used as inputs when the output latch
is set to “1.” The output structure is N-channel open-drain. Port P2 has a key-on
wakeup function and a pull-up function. Both functions can be switched by software.
Ports P20 and P21 are also used as AIN0 and AIN1, respectively.
Port P3 serves as a 2-bit I/O port, and it can be used as inputs when the output latch
is set to “1.” The output structure is N-channel open-drain. Ports P30 and P31 are
also used as AIN2 and AIN3, respectively.
1-bit I/O port. Port C can be used as inputs when the output latch is set to “1.” The
output structure is N-channel open-drain. Port C has a key-on wakeup function and
a pull-up function. Both functions can be switched by software. Port C is also used
as port D2.
1-bit I/O port. Port K can be used as inputs when the output latch is set to “1.” The
output structure is N-channel open-drain. Port K has a key-on wakeup function and
a pull-up function. Both functions can be switched by software. Port K is also used
as port D3.
CNTR pin has the function to input the clock for the timer 2 event counter, and to out-
put the timer 1 or timer 2 underflow signal divided by 2. This pin is also used as port
P12.
INT pin accepts external interrupts. It has the key-on wakeup function which can be
switched by software. This pin is also used as port P13.
A/D converter analog input pins. AIN0 and AIN1 are also used as ports P20 and P21,
respectively. AIN2 and AIN3 are also used as ports P30 and P31, respectively.
Notes 1: Pins except above have just single function.
2: The input/output of D2, D3, P12 and P13 can be used even when C, K, CNTR (input) and INT are selected.
3: The input of P12 can be used even when CNTR (output) is selected.
4: The input/output of P20, P21, P30 and P31 can be used even when AIN0, AIN1, AIN2 and AIN3 are selected.
Pin
D2
D3
P12
P13
Multifunction
C
K
CNTR
INT
MULTIFUNCTION
Pin
C
K
CNTR
INT
Multifunction
D2
D3
P12
P13
Pin
P20
P21
P30
P31
Multifunction
AIN0
AIN1
AIN2
AIN3
Pin
AIN0
AIN1
AIN2
AIN3
Multifunction
P20
P21
P30
P31
XOUT
System clock output
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com