Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # 4502
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 66Page - Renesas Technology Corp 4502 Datasheet HTML 67Page - Renesas Technology Corp 4502 Datasheet HTML 68Page - Renesas Technology Corp 4502 Datasheet HTML 69Page - Renesas Technology Corp 4502 Datasheet HTML 70Page - Renesas Technology Corp 4502 Datasheet HTML 71Page - Renesas Technology Corp 4502 Datasheet HTML 72Page - Renesas Technology Corp 4502 Datasheet HTML 73Page - Renesas Technology Corp 4502 Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 116 page
background image
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Rev.3.01
2005.02.02
page 70 of 112
REJ03B0105-0301
4502 Group
POF (Power OFf1)
0000000010
002
11
–
–
Grouping:
Other operation
Description: Puts the system in RAM back-up state by
executing the POF instruction after execut-
ing the EPOF instruction.
However, the voltage drop detection circuit is valid.
Note:
If the EPOF instruction is not executed before
executing this instruction, this instruction is
equivalent to the NOP instruction.
POF2 (Power OFf2)
0000001000
008
11
–
–
Grouping:
Other operation
Description: Puts the system in RAM back-up state by
executing the POF2 instruction after ex-
ecuting the EPOF instruction. Operations of
all functions are stopped.
Note:
If the EPOF instruction is not executed before
executing this instruction, this instruction is
equivalent to the NOP instruction.
Operation:
RAM back-up
Operation:
RAM back-up
However, voltage drop detection circuit valid
RAR (Rotate Accumulator Right)
0000011101
01D
11
0/1
–
Grouping:
Arithmetic operation
Description: Rotates 1 bit of the contents of register A in-
cluding the contents of carry flag CY to the
right.
Operation:
→ CY → A3A2A1A0
RB j (Reset Bit)
00010011j
j
0
4
11
–
–
Grouping:
Bit operation
Description: Clears (0) the contents of bit j (bit specified
by the value j in the immediate field) of
M(DP).
Operation:
(Mj(DP))
← 0
j = 0 to 3
C
+j
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com