Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # 4502
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 52Page - Renesas Technology Corp 4502 Datasheet HTML 53Page - Renesas Technology Corp 4502 Datasheet HTML 54Page - Renesas Technology Corp 4502 Datasheet HTML 55Page - Renesas Technology Corp 4502 Datasheet HTML 56Page - Renesas Technology Corp 4502 Datasheet HTML 57Page - Renesas Technology Corp 4502 Datasheet HTML 58Page - Renesas Technology Corp 4502 Datasheet HTML 59Page - Renesas Technology Corp 4502 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 116 page
background image
Rev.3.01
2005.02.02
page 56 of 112
REJ03B0105-0301
4502 Group
Symbol
A
B
DR
E
Q1
V1
V2
I1
W1
W2
W6
MR
K0
K1
K2
PU0
PU1
PU2
X
Y
Z
DP
PC
PCH
PCL
SK
SP
CY
R1
R2
T1
T2
T1F
T2F
Contents
Register A (4 bits)
Register B (4 bits)
Register D (3 bits)
Register E (8 bits)
A/D control register Q1 (4 bits)
Interrupt control register V1 (4 bits)
Interrupt control register V2 (4 bits)
Interrupt control register I1 (4 bits)
Timer control register W1 (4 bits)
Timer control register W2 (4 bits)
Timer control register W6 (4 bits)
Clock control register MR (4 bits)
Key-on wakeup control register K0 (4 bits)
Key-on wakeup control register K1 (4 bits)
Key-on wakeup control register K2 (4 bits)
Pull-up control register PU0 (4 bits)
Pull-up control register PU1 (4 bits)
Pull-up control register PU2 (4 bits)
Register X (4 bits)
Register Y (4 bits)
Register Z (2 bits)
Data pointer (10 bits)
(It consists of registers X, Y, and Z)
Program counter (14 bits)
High-order 7 bits of program counter
Low-order 7 bits of program counter
Stack register (14 bits ✕ 8)
Stack pointer (3 bits)
Carry flag
Timer 1 reload register
Timer 2 reload register
Timer 1
Timer 2
Timer 1 interrupt request flag
Timer 2 interrupt request flag
Contents
Watchdog timer flag
Watchdog timer enable flag
Interrupt enable flag
External 0 interrupt request flag
Power down flag
A/D conversion completion flag
Port D (6 bits)
Port P0 (4 bits)
Port P1 (4 bits)
Port P2 (2 bits)
Port P3 (2 bits)
Port C (1 bit)
Port K (1 bit)
Hexadecimal variable
Hexadecimal variable
Hexadecimal variable
Hexadecimal variable
Hexadecimal constant
Hexadecimal constant
Hexadecimal constant
Binary notation of hexadecimal variable A
(same for others)
Direction of data movement
Data exchange between a register and memory
Decision of state shown before “?”
Contents of registers and memories
Negate, Flag unchanged after executing instruction
RAM address pointed by the data pointer
Label indicating address a6 a5 a4 a3 a2 a1 a0
Label indicating address a6 a5 a4 a3 a2 a1 a0
in page p5 p4 p3 p2 p1 p0
Hex. C + Hex. number x (also same for others)
Symbol
WDF1
WEF
INTE
EXF0
P
ADF
D
P0
P1
P2
P3
C
K
x
y
z
p
n
i
j
A3A2A1A0
←
↔
?
( )
—
M(DP)
a
p, a
C
+
x
Note : Some instructions of the 4502 Group has the skip function to unexecute the next described instruction. The 4502 Group just invalidates the next instruc-
tion when a skip is performed. The contents of program counter is not increased by 2. Accordingly, the number of cycles does not change even if skip
is not performed. However, the cycle count becomes “1” if the TABP p, RT, or RTS instruction is skipped.
INSTRUCTIONS
The 4502 Group has the 113 instructions. Each instruction is de-
scribed as follows;
(1) Index list of instruction function
(2) Machine instructions (index by alphabet)
(3) Machine instructions (index by function)
(4) Instruction code table
SYMBOL
The symbols shown below are used in the following list of instruc-
tion function and the machine instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com