Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 4502
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 3 Page - Renesas Technology Corp

  4502 Datasheet HTML 1Page - Renesas Technology Corp 4502 Datasheet HTML 2Page - Renesas Technology Corp 4502 Datasheet HTML 3Page - Renesas Technology Corp 4502 Datasheet HTML 4Page - Renesas Technology Corp 4502 Datasheet HTML 5Page - Renesas Technology Corp 4502 Datasheet HTML 6Page - Renesas Technology Corp 4502 Datasheet HTML 7Page - Renesas Technology Corp 4502 Datasheet HTML 8Page - Renesas Technology Corp 4502 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 116 page
background image
4502 Group
Rev.3.01
2005.02.02
page 3 of 112
REJ03B0105-0301
PERFORMANCE OVERVIEW
Function
113
0.68
µs (at 4.4 MHz oscillation frequency, in high-speed mode)
2048 words ✕ 10 bits
4096 words ✕ 10 bits
128 words ✕ 4 bits
256 words ✕ 4 bits
Six independent I/O ports.
Input is examined by skip decision.
Ports D2 and D3 are equipped with a pull-up function and a key-on wakeup function. Both func-
tions can be switched by software.
Ports D2 and D3 are also used as ports C and K, respectively.
4-bit I/O port; each pin is equipped with a pull-up function and a key-on wakeup function. Both
functions can be switched by software.
4-bit I/O port; each pin is equipped with a pull-up function and a key-on wakeup function. Both
functions can be switched by software.
Ports P12 and P13 are also used as CNTR and INT, respectively.
2-bit I/O port; each pin is equipped with a pull-up function and a key-on wakeup function. Both
functions can be switched by software.
Ports P20 and P21 are also used as AIN0 and AIN1, respectively.
2-bit I/O port; Ports P30 and P31 are also used as AIN2 and AIN3, respectively.
1-bit I/O; Port C is also used as port D2.
1-bit I/O; Port K is also used as port D3.
1-bit I/O; CNTR pin is also used as port P12.
1-bit input; INT pin is also used as port P13.
Four independent I/O ports. AIN0–AIN3 is also used as ports P20, P21, P30, P31, respectively.
8-bit programmable timer with a reload register.
8-bit programmable timer with a reload register and has a event counter.
10-bit wide, This is equipped with an 8-bit comparator function.
4 channel (AIN0 pin–AIN3 pin)
4 (one for external, two for timer, one for A/D)
1 level
8 levels
CMOS silicon gate
24-pin plastic molded SSOP (PRSP0024GA-A)
–20 °C to 85 °C
2.7 to 5.5 V (System is in the reset state when the voltage is under the detection voltage of
voltage drop detection circuit)
1.7 mA (Ta=25°C, VDD = 5.0 V, 4.0 MHz oscillation frequency, in high-speed mode, output tran-
sistors in the cut-off state)
0.1
µA (Ta=25°C, VDD = 5 V, output transistors in the cut-off state)
Parameter
Number of basic instructions
Minimum instruction execution time
Memory sizes
Input/Output
ports
ROM
RAM
D0–D5
P00–P03
P10–P13
P20, P21
P30, P31
C
K
CNTR
INT
AIN0, AIN1
AIN2, AIN3
Timer 1
Timer 2
Analog input
Sources
Nesting
Active mode
RAM back-up mode
M34502M2
M34502M4/E4
M34502M2
M34502M4/E4
I/O
I/O
I/O
I/O
I/O
I/O
I/O
Timer I/O
Interrupt input
Analog input
Timers
A/D converter
Interrupt
Subroutine nesting
Device structure
Package
Operating temperature range
Supply voltage
Power
dissipation
(typical value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com