Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # 4502
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 79Page - Renesas Technology Corp 4502 Datasheet HTML 80Page - Renesas Technology Corp 4502 Datasheet HTML 81Page - Renesas Technology Corp 4502 Datasheet HTML 82Page - Renesas Technology Corp 4502 Datasheet HTML 83Page - Renesas Technology Corp 4502 Datasheet HTML 84Page - Renesas Technology Corp 4502 Datasheet HTML 85Page - Renesas Technology Corp 4502 Datasheet HTML 86Page - Renesas Technology Corp 4502 Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 116 page
background image
Skip condition
Number of
cycles
Number of
words
Instruction
code
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
Flag CY
2
16
D9
D0
D9
D0
D9
D0
D9
D0
4502 Group
Rev.3.01
2005.02.02
page 83 of 112
REJ03B0105-0301
TBA (Transfer data to register B from Accumulator)
0000001110
00E
11
–
–
Grouping:
Register to register transfer
Description: Transfers the contents of register A to regis-
ter B.
TDA (Transfer data to register D from Accumulator)
0000101001
029
11
–
–
Grouping:
Register to register transfer
Description: Transfers the contents of the low-order 3
bits (A2–A0) of register A to register D.
Operation:
(DR2–DR0)
← (A2–A0)
TEAB (Transfer data to register E from Accumulator and register B)
0000011010
01A
11
–
–
Grouping:
Register to register transfer
Description: Transfers the contents of register B to the
high-order 4 bits (E3–E0) of register E, and
the contents of register A to the low-order 4
bits (E3–E0) of register E.
Operation:
(E7–E4)
← (B)
(E3–E0)
← (A)
Operation:
(B)
← (A)
TAZ (Transfer data to Accumulator from register Z)
0001010011
053
11
–
–
Grouping:
Register to register transfer
Description: Transfers the contents of register Z to the
low-order 2 bits (A1, A0) of register A.
Note:
After this instruction is executed, “0” is
stored to the high-order 2 bits (A3, A2) of
register A.
Operation:
(A1, A0)
← (Z1, Z0)
(A3, A2)
← 0
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com