| Electronic Components Datasheet Search |
|
4502 Datasheet(PDF) 69 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4502 Datasheet(HTML) 69 Page - Renesas Technology Corp |
|
69 / 116 page ![]() Skip condition Number of cycles Number of words Instruction code D9 D0 Flag CY 2 16 Skip condition Number of cycles Number of words Instruction code D9 D0 Flag CY 2 16 Skip condition Number of cycles Number of words Instruction code D9 D0 Flag CY 2 16 Skip condition Number of cycles Number of words Instruction code D9 D0 Flag CY 2 16 4502 Group Rev.3.01 2005.02.02 page 69 of 112 REJ03B0105-0301 OP2A (Output port P2 from Accumulator) 1000100010 222 11 – – Grouping: Input/Output operation Description: Outputs the contents of the low-order 2 bits (A1, A0) of register A to port P2. Operation: (P21, P20) ← (A1, A0) OP1A (Output port P1 from Accumulator) 1000100001 221 11 – – Grouping: Input/Output operation Description: Outputs the contents of register A to port P1. Operation: (P1) ← (A) OR (logical OR between accumulator and memory) 0000011001 019 11 – – Grouping: Arithmetic operation Description: Takes the OR operation between the con- tents of register A and the contents of M(DP), and stores the result in register A. Operation: (A) ← (A) OR (M(DP)) OP3A (Output port P3 from Accumulator) 1000100011 223 11 – – Grouping: Input/Output operation Description: Outputs the contents of the low-order 2 bits (A1, A0) of register A to port P3. Operation: (P31, P30) ← (A1, A0) MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |