Electronic Components Datasheet Search
  English  ▼

X  

4508 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 4508
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4508 Datasheet(HTML) 4 Page - Renesas Technology Corp

  4508 Datasheet HTML 1Page - Renesas Technology Corp 4508 Datasheet HTML 2Page - Renesas Technology Corp 4508 Datasheet HTML 3Page - Renesas Technology Corp 4508 Datasheet HTML 4Page - Renesas Technology Corp 4508 Datasheet HTML 5Page - Renesas Technology Corp 4508 Datasheet HTML 6Page - Renesas Technology Corp 4508 Datasheet HTML 7Page - Renesas Technology Corp 4508 Datasheet HTML 8Page - Renesas Technology Corp 4508 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 142 page
background image
Rev.1.02
2006.12.22
page 4 of 140
REJ03B0148-0102
4508 Group
PIN DESCRIPTION
Name
Power supply
Ground
CNVSS
Reset input/output
System clock input
I/O port D
Input is examined by
skip decision.
I/O port P0
I/O port P1
I/O port P2
Timer input/output
Timer input/output
Interrupt input
Analog input
Serial interface clock I/O
Serial interface data output
Serial interface data input
Pin
VDD
VSS
CNVSS
RESET
XIN
D0–D3
P00–P03
P10–P13
P20, P21
CNTR0
CNTR1
INT
AIN0, AIN1,
AIN4, AIN5,
SCK
SOUT
SIN
Input/Output
—
—
—
I/O
Input
I/O
I/O
I/O
I/O
I/O
I/O
Input
Input
I/O
Output
Input
Function
Connected to a plus power supply.
Connected to a 0 V power supply.
Connect CNVSS to VSS and apply “L” (0V) to CNVSS certainly.
An N-channel open-drain I/O pin for a system reset. When the SRST instruction, watch-
dog timer, the voltage drop detection circuit (only for H version) or the built-in power-on
reset (only for H version) causes the system to be reset, the RESET pin outputs “L”
level.
I/O pins of the main clock generating circuit. When using a ceramic resonator, connect it be-
tween pins XIN and XOUT. A feedback resistor is built-in between them. When using the RC
oscillation, connect a resistor and a capacitor to XIN, and leave XOUT pin open.
Each pin of port D has an independent 1-bit wide I/O function.
The output structure can be switched to N-channel open-drain or CMOS by software.
For input use, set the latch of the specified bit to “1” and select the N-channel open-drain.
Ports D2 and D3 are equipped with a pull-up function and a key-on wakeup function.
Both functions can be switched by software.
Ports D2 and D3 are also used as AIN4 and AIN5, respectively.
Port P0 serves as a 4-bit I/O port.
The output structure can be switched to N-channel open-drain or CMOS by software.
For input use, set the latch of the specified bit to “1” and select the N-channel open-drain.
Port P0 has a key-on wakeup function and a pull-up function. Both functions can be
switched by software.
Ports P00, P01 and P02 are also used as SIN, SOUT and SCK, respectively.
Port P1 serves as a 4-bit I/O port.
The output structure can be switched to N-channel open-drain or CMOS by software.
For input use, set the latch of the specified bit to “1” and select the N-channel open-drain.
Port P1 has a key-on wakeup function and a pull-up function. Both functions can be
switched by software.
Ports P11, P12 and P13 are also used as CNTR1, CNTR0 and INT, respectively.
Port P2 serves as a 2-bit I/O port.
The output structure can be switched to N-channel open-drain or CMOS by software.
For input use, set the latch of the specified bit to “1” and select the N-channel open-drain.
Port P2 has a key-on wakeup function and a pull-up function. Both functions can be
switched by software.
Ports P20 and P21 are also used as AIN0 and AIN1, respectively.
CNTR0 pin has the function to input the clock for the timer 2 event counter, and to out-
put the PWM signal generated by timer 1.
This pin is also used as port P12.
CNTR1 pin has the function to input the clock for the timer 1 event counter, and to out-
put the PWM signal generated by timer 2.
This pin is also used as port P11.
INT pin accepts external interrupts. It has the key-on wakeup function which can be
switched by software.
This pin is also used as port P13.
A/D converter analog input pins.
AIN0, AIN1, AIN4, AIN5 are also used as ports P20, P21, D2 and D3, respectively.
Serial interface data transfer synchronous clock I/O pin. SCK pin is also used as port P02.
Serial interface data output pin. SOUT pin is also used as port P01.
Serial interface data input pin. SIN pin is also used as port P00.
XOUT
System clock output
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com