Electronic Components Datasheet Search
  English  ▼

X  

4508 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # 4508
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4508 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button 4508 Datasheet HTML 55Page - Renesas Technology Corp 4508 Datasheet HTML 56Page - Renesas Technology Corp 4508 Datasheet HTML 57Page - Renesas Technology Corp 4508 Datasheet HTML 58Page - Renesas Technology Corp 4508 Datasheet HTML 59Page - Renesas Technology Corp 4508 Datasheet HTML 60Page - Renesas Technology Corp 4508 Datasheet HTML 61Page - Renesas Technology Corp 4508 Datasheet HTML 62Page - Renesas Technology Corp 4508 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 142 page
background image
4508 Group
Rev.1.02
2006.12.22
page 59 of 140
REJ03B0148-0102
QzROM Writing Mode
In the QzROM writing mode, the user ROM area can be rewritten
while the microcomputer is mounted on-board by using a serial pro-
grammer which is applicable for this microcomputer.
Table 24 lists the pin description (QzROM writing mode) and Figure
55 shows the pin connections.
Refer to Figure 56 for examples of a connection with a serial pro-
grammer.
Contact the manufacturer of your serial programmer for serial pro-
grammer. Refer to the user’s manual of your serial programmer for
details on how to use it.
Table 24 Pin description (QzROM writing mode)
• Power supply voltage pin.
• GND pin.
• QzROM programmable power source pin.
• VPP input is possible with VSS connected via a resistor of about 5 k
Ω.
• QzROM serial data I/O pin.
• QzROM serial clock input pin.
• QzROM read/program pulse input pin.
• Reset input pin.
• Input “L” level signal.
• Either connect an oscillation circuit or connect XIN pin to VSS and leave the
XOUT pin open.
• Input “H” or “L” level signal or leave the pin open.
VDD
VSS
CNVSS
P20/AIN0
P21/AIN1
D3/AIN5
____________
RESET
XIN
XOUT
D0, D1, D2/AIN4,
P00/SIN, P01/SOUT,
P02/SCK, P03, P10,
P11/CNTR1,
P12/CNTR0, P13/INT
Power source
GND
VPP input
SDA input/output
SCLK input
________
PGM input
Reset input
Clock input
Clock output
I/O port
Function
Pin
Name
I/O
Input
Input
Input
I/O
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com