Electronic Components Datasheet Search
  English  ▼

X  

4508 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # 4508
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4508 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button 4508 Datasheet HTML 42Page - Renesas Technology Corp 4508 Datasheet HTML 43Page - Renesas Technology Corp 4508 Datasheet HTML 44Page - Renesas Technology Corp 4508 Datasheet HTML 45Page - Renesas Technology Corp 4508 Datasheet HTML 46Page - Renesas Technology Corp 4508 Datasheet HTML 47Page - Renesas Technology Corp 4508 Datasheet HTML 48Page - Renesas Technology Corp 4508 Datasheet HTML 49Page - Renesas Technology Corp 4508 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 142 page
background image
Rev.1.02
2006.12.22
page 46 of 140
REJ03B0148-0102
4508 Group
M0–M7: Contents of master serial interface register
S0–S7: Contents of slave serial interface register
Rising of SCK: Serial input
Falling of SCK: Serial output
SIN
SOUT
Master
Slave
SCK
SST instruction
SOUT
SIN
S0
S7’
S1
S2
S3
S4
S5
S6
S7
SST instruction
SRDY signal
S0
S7’
S1
S3
S4
S5
S6
S7
M0
M7’
M1
M2
M3
M4
M5
M6
M7
M0
M7’
M1
M2
M3
M4
M5
M6
M7
S2
Fig. 39 Timing of serial interface data transfer
Table 16 Processing sequence of data transfer from master to slave
1-byte data is serially transferred on this process. Subsequently, data
can be transferred continuously by repeating the process from *.
When an external clock is selected as a synchronous clock, control
the clock externally because serial transfer is performed as long as
clock is externally input. (Unlike an internal clock, an external clock
is not stopped when serial transfer is completed.) However, the
Master (transmission)
[Initial setting]
• Setting the serial interface control register J1 and inter-
rupt control register V2 shown in Figure 38.
TJ1A and TV2A instructions
• Setting the port received the reception enable signal
(SRDY) to the input mode.
(Port D3 is used in this example)
SD instruction
* [Transmission enable state]
• Storing transmission data to serial interface register SI.
TSIAB instruction
[Transmission]
•Check port D3 is “L” level.
SZD instruction
•Serial transfer starts.
SST instruction
•Check transmission completes.
SNZSI instruction
•Wait (timing when continuously transferring)
Slave (reception)
[Initial setting]
• Setting serial interface control register J1, and interrupt control register V2
shown in Figure 38.
TJ1A and TV2A instructions
• Setting the port transmitted the reception enable signal (SRDY) and output-
ting “H” level.
(Port D3 is used in this example)
SD instruction
*[Reception enable state]
• The SIOF flag is cleared to “0.”
SST instruction
• “L” level (reception possible) is output from port D3.
RD instruction
[Reception]
• Check reception completes.
SNZSI instruction
• “H” level is output from port D3.
SD instruction
[Data processing]
SIOF flag is set to “1” when the clock is counted 8 times after ex-
ecuting the SST instruction. Be sure to set the initial level of the
external clock to “H.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com