Electronic Components Datasheet Search
  English  ▼

X  

4508 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 4508
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4508 Datasheet(HTML) 3 Page - Renesas Technology Corp

  4508 Datasheet HTML 1Page - Renesas Technology Corp 4508 Datasheet HTML 2Page - Renesas Technology Corp 4508 Datasheet HTML 3Page - Renesas Technology Corp 4508 Datasheet HTML 4Page - Renesas Technology Corp 4508 Datasheet HTML 5Page - Renesas Technology Corp 4508 Datasheet HTML 6Page - Renesas Technology Corp 4508 Datasheet HTML 7Page - Renesas Technology Corp 4508 Datasheet HTML 8Page - Renesas Technology Corp 4508 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 142 page
background image
4508 Group
Rev.1.02
2006.12.22
page 3 of 140
REJ03B0148-0102
PERFORMANCE OVERVIEW
Function
131
132
0.5
µs (at 6 MHz oscillation frequency, in through mode)
4096 words ✕ 10 bits
256 words ✕ 4 bits
Four independent I/O ports.
Input is examined by skip decision.
Ports D2 and D3 are equipped with a pull-up function and a key-on wakeup function.
Both functions can be switched by software.
Ports D2 and D3 are also used as AIN4, and AIN5, respectively.
4-bit I/O port; each pin is equipped with a pull-up function and a key-on wakeup function.
Both functions and output structure can be switched by software.
Ports P00, P01 and P02 are also used as SIN, SOUT and SCK, respectively.
4-bit I/O port; each pin is equipped with a pull-up function and a key-on wakeup function.
Both functions and output structure can be switched by software.
Ports P11, P12 and P13 are also used as CNTR1, CNTR0 and INT, respectively.
2-bit I/O port; each pin is equipped with a pull-up function and a key-on wakeup function.
Both functions and output structure can be switched by software.
Ports P20 and P21 are also used as AIN0 and AIN1, respectively.
Two independent I/O; CNTR1 and CNTR0 pins are also used as ports P11 and P12, respectively.
1-bit input; INT pin is also used as port P13.
Three independent I/O;
SIN, SOUT, and SCK are also used as ports P00, P01, and P02, respectively.
Four independent input; AIN0, AIN1, AIN4, AIN5 are also used as P20, P21, D2 and D3, respectively.
8-bit programmable timer/event counter with two reload registers and PWM output function.
8-bit programmable timer/event counter with two reload registers and PWM output function.
16-bit timer (fixed dividing frequency) (for watchdog)
10-bit wide, This is equipped with an 8-bit comparator function.
4 channel (AIN0, AIN1, AIN4, AIN5 pins)
8-bit ✕ 1
Typ. 2.6 V (Ta = 25 °C)
Typ. 2.7 V (Ta = 25 °C)
Built-in type
5 (one for external, two for timer, one for A/D, one for Serial interface)
1 level
8 levels
CMOS silicon gate
FP: 20-pin plastic molded SOP (PRSP0020DA-A)
GP: 20-pin plastic molded SSOP (PLSP0020JB-A)
–20 °C to 85 °C
1.8 V to 5.5 V (It depends on operation source clock, oscillation frequency and operating mode.)
2.2 mA (Ta = 25°C, VDD = 5.0 V, f(XIN) = 6.0 MHz, f(STCK) = f(XIN)/1)
0.1
µA (Ta = 25°C, VDD = 5.0 V, output transistors in the cut-off state)
Parameter
Number of
basic instructions
Minimum instruction execution time
Memory sizes
Input/Output
ports
Timers
A/D
converter
Serial interface
Voltage drop
detection
circuit (Note)
Power-on reset circuit (Note)
Interrupt
Subroutine nesting
Device structure
Package
Operating temperature range
Supply voltage
Power
dissipation
(typical value)
Note: These circuits are equipped with only the H version.
ROM
RAM
D0–D3
P00–P03
P10–P13
P20, P21
CNTR0,
CNTR1
INT
SIN, SOUT,
SCK
AIN0, AIN1,
AIN4, AIN5
Timer 1
Timer 2
Watchdog timer function
Analog input
Reset occurrence
Reset release
Sources
Nesting
Active mode
RAM back-up mode
M34508G4
M34508G4H
I/O
I/O
I/O
I/O
Timer I/O
Interrupt input
Serial interface
input/output
Analog input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com