Electronic Components Datasheet Search
  English  ▼

X  

4508 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # 4508
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4508 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button 4508 Datasheet HTML 25Page - Renesas Technology Corp 4508 Datasheet HTML 26Page - Renesas Technology Corp 4508 Datasheet HTML 27Page - Renesas Technology Corp 4508 Datasheet HTML 28Page - Renesas Technology Corp 4508 Datasheet HTML 29Page - Renesas Technology Corp 4508 Datasheet HTML 30Page - Renesas Technology Corp 4508 Datasheet HTML 31Page - Renesas Technology Corp 4508 Datasheet HTML 32Page - Renesas Technology Corp 4508 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 142 page
background image
4508 Group
Rev.1.02
2006.12.22
page 29 of 140
REJ03B0148-0102
Table 10 Timer control registers
0
1
0
1
W21
0
0
1
1
PWM1 function invalid
PWM1 function valid
Stop (state retained)
Operating
Count source
PWM2 signal
Prescaler output (ORCLK)
CNTR1 input
On-chip oscillator clock (f(RING))
PWM1 function control bit
Timer 1 control bit
PWM2 function invalid
PWM2 function valid
Stop (state retained)
Operating
Count source
Timer 1 underflow signal (T1UDF)
Prescaler output (ORCLK)
CNTR0 input
System clock (STCK)
PWM2 function control bit
Timer 2 control bit
Timer 2 count source selection bits
0
1
0
1
W20
0
1
0
1
Timer control register W1
R/W
TAW1/TW1A
at reset : 00002
at RAM back-up : 00002
at reset : 00002
Timer control register W2
R/W
TAW2/TW2A
at RAM back-up : 00002
at reset : 00002
W23
W22
W21
W20
0
1
Stop (state initialized)
Operating
Prescaler control bit
Timer control register PA
W
TPAA
at RAM back-up : 02
at reset : 02
PA0
P12 (I/O) / CNTR0 (input)
P12 (input) /CNTR0 (I/O)
Count auto-stop circuit not selected
Count auto-stop circuit selected
Count start synchronous circuit not selected
Count start synchronous circuit selected
Falling edge
Rising edge
P12/CNTR0 pin function selection bit
Timer 1 count auto-stop circuit
selection bit (Note 2)
Timer 1 count start synchronous circuit
selection bit (Note 3)
CNTR0 pin input count edge selection bit
0
1
0
1
0
1
0
1
Timer control register W5
at RAM back-up : state retained
at reset : 00002
W53
W52
W51
W50
R/W
TAW5/TW5A
P11 (I/O) / CNTR1 (input)
P11 (input) /CNTR1 (I/O)
Output auto-control circuit not selected
Output auto-control circuit selected
INT pin input period count circuit not selected
INT pin input period count circuit selected
Falling edge
Rising edge
P11/CNTR1 pin function selection bit
CNTR 1 pin output auto-control circuit
selection bit
Timer 2
INT pin input period count circuit selection bit
CNTR1 pin input count edge selection bit
0
1
0
1
0
1
0
1
Timer control register W6
at RAM back-up : state retained
at reset : 00002
W63
W62
W61
W60
R/W
TAW6/TW6A
Notes 1: “R” represents read enabled, and “W” represents write enabled.
2: This function is valid only when the INT pin/timer 1 control is enabled (I10=“1”) and the timer 1 count start synchronous circuit is selected (W51=“1”).
3: This function is valid only when the INT pin/timer 1 control is enabled (I10=“1”).
W13
W12
W11
W10
W11
0
0
1
1
W10
0
1
0
1
Timer 1 count source selection bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com