Electronic Components Datasheet Search
  English  ▼

X  

4508 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # 4508
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4508 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button 4508 Datasheet HTML 81Page - Renesas Technology Corp 4508 Datasheet HTML 82Page - Renesas Technology Corp 4508 Datasheet HTML 83Page - Renesas Technology Corp 4508 Datasheet HTML 84Page - Renesas Technology Corp 4508 Datasheet HTML 85Page - Renesas Technology Corp 4508 Datasheet HTML 86Page - Renesas Technology Corp 4508 Datasheet HTML 87Page - Renesas Technology Corp 4508 Datasheet HTML 88Page - Renesas Technology Corp 4508 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 142 page
background image
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
4508 Group
Rev.1.02
2006.12.22
page 85 of 140
REJ03B0148-0102
BM a (Branch and Mark to address a in page 2)
010a6
a5
a4
a3
a2
a1
a0
1aa
11
–
–
Grouping:
Subroutine call operation
Description: Call the subroutine in page 2 : Calls the
subroutine at address a in page 2.
Note:
Subroutine extending from page 2 to an-
other page can also be called with the BM
instruction when it starts on page 2.
Be careful not to over the stack because the
maximum level of subroutine nesting is 8.
Operation:
(SP)
← (SP) + 1
(SK(SP))
← (PC)
(PCH)
← 2
(PCL)
← a6–a0
BML p, a (Branch and Mark Long to address a in page p)
00110p4
p3
p2
p1
p0
0p
22
–
–
Grouping:
Subroutine call operation
Description: Call the subroutine : Calls the subroutine at
address a in page p.
Note:
p is 0 to 31.
Be careful not to over the stack because the
maximum level of subroutine nesting is 8.
Operation:
(SP)
← (SP) + 1
(SK(SP))
← (PC)
(PCH)
← p
(PCL)
← a6–a0
BMLA p (Branch and Mark Long to address (D) + (A) in page p)
0000110000
030
22
–
–
Grouping:
Subroutine call operation
Description: Call the subroutine : Calls the subroutine at
address (DR2 DR1 DR0 A3 A2 A1 A0)2 speci-
fied by registers D and A in page p.
Note:
p is 0 to 31.
Be careful not to over the stack because the
maximum level of subroutine nesting is 8.
CLD (CLear port D)
0000010001
011
11
–
–
Grouping:
Input/Output operation
Description: Sets (1) to port D.
Operation:
(D)
← 1
2
16
100a6
a5
a4
a3
a2
a1
a0
2aa
C
+p
Operation:
(SP)
← (SP) + 1
(SK(SP))
← (PC)
(PCH)
← p
(PCL)
← (DR2–DR0, A3–A0)
2
16
100p4
00p3
p2
p1
p0
2pp
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com