Electronic Components Datasheet Search
  English  ▼

X  

4553 Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # 4553
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4553 Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button 4553 Datasheet HTML 39Page - Renesas Technology Corp 4553 Datasheet HTML 40Page - Renesas Technology Corp 4553 Datasheet HTML 41Page - Renesas Technology Corp 4553 Datasheet HTML 42Page - Renesas Technology Corp 4553 Datasheet HTML 43Page - Renesas Technology Corp 4553 Datasheet HTML 44Page - Renesas Technology Corp 4553 Datasheet HTML 45Page - Renesas Technology Corp 4553 Datasheet HTML 46Page - Renesas Technology Corp 4553 Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 145 page
background image
Rev.3.02
Dec 22, 2006
page 43 of 142
REJ03B0024-0302
4553 Group
Fig. 33 LCD controller/driver
Common driver
Bias control
Multiplexer
Selector
RAM
Segment
driver
Selector
RAM
COM3
COM2
COM1
COM0
Decoder
1/2,1/3,1/4 counter
LCD clock
(from timer block)
L10
L11
L12
L13
Register A
LCD ON/
OFF
control
Control
signal
SEG0/VLC3
.........
...
...
Segment
driver
...
SEG1
/VLC2
SEG2/VLC1
SEG0 to SEG2
output
L20
L21
L22
L23
r
r
r
r
r
r
SEG28
SEG3
to
(3) LCD RAM
RAM contains areas corresponding to the liquid crystal display.
When “1” is written to this LCD RAM, the display pixel correspond-
ing to the bit is automatically displayed.
(4) LCD drive waveform
When “1” is written to a bit in the LCD RAM data, the voltage differ-
ence between common pin and segment pin which correspond to
the bit automatically becomes lVLC3l and the display pixel at the
cross section turns on.
When returning from reset, and in the RAM back-up mode, a dis-
play pixel turns off because every segment output pin and
common output pin becomes VLC3 level.
Fig. 34 LCD RAM map
Z
X
Y
Bits
8
9
10
11
12
13
14
15
COM
1
2
3
21
0
3
21
0
3
21
0
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
COM3
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
COM2
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
COM1
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
COM0
SEG9
SEG10
COM3 COM2 COM1 COM0 COM3 COM2 COM1 COM0
SEG9
SEG10
SEG9
SEG10
SEG0
SEG0
SEG0 SEG0
SEG8
SEG17
SEG18
SEG19
SEG8 SEG8
SEG8
SEG9
SEG10
SEG17
SEG18
SEG19
SEG17
SEG18
SEG19
SEG17
SEG18
SEG19
0
1
Note: The area marked “
” is not the LCD display RAM.
SEG21
SEG22
SEG23
SEG20
3
3
21
0
COM3 COM2 COM1 COM0
SEG25
SEG26
SEG27
SEG24
SEG28
SEG21
SEG22
SEG23
SEG20
SEG21
SEG22
SEG23
SEG20
SEG21
SEG22
SEG23
SEG20
SEG25
SEG26
SEG27
SEG24
SEG28
SEG25
SEG26
SEG27
SEG24
SEG28
SEG25
SEG26
SEG27
SEG24
SEG28
SEG11 SEG11 SEG11 SEG11
SEG12 SEG12 SEG12 SEG12
SEG13 SEG13 SEG13 SEG13
SEG14 SEG14 SEG14 SEG14
SEG15 SEG15 SEG15 SEG15
SEG16 SEG16 SEG16 SEG16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com