Electronic Components Datasheet Search
  English  ▼

X  

4553 Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # 4553
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4553 Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button 4553 Datasheet HTML 88Page - Renesas Technology Corp 4553 Datasheet HTML 89Page - Renesas Technology Corp 4553 Datasheet HTML 90Page - Renesas Technology Corp 4553 Datasheet HTML 91Page - Renesas Technology Corp 4553 Datasheet HTML 92Page - Renesas Technology Corp 4553 Datasheet HTML 93Page - Renesas Technology Corp 4553 Datasheet HTML 94Page - Renesas Technology Corp 4553 Datasheet HTML 95Page - Renesas Technology Corp 4553 Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 145 page
background image
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Rev.3.02
Dec 22, 2006
page 92 of 142
REJ03B0024-0302
4553 Group
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)
SNZT3 (Skip if Non Zero condition of Timer 3 interrupt request flag)
1010000010
282
11
–
V20 = 0: (T3F) = 1
Grouping:
Timer operation
Description: When V20 = 0 : Clears (0) to the T3F flag
and skips the next instruction when timer 3
interrupt request flag T3F is “1.” When the
T3F flag is “0,” executes the next instruc-
tion.
When V20 = 1 : This instruction is equiva-
lent to the NOP instruction.
Operation:
V20 = 0: (T3F) = 1 ?
(T3F)
← 0
V20 = 1: SNZT3 = NOP
(V20 = bit 0 of interrupt control register V2)
SRST (System ReSeT)
0000000001
001
11
–
–
Grouping:
Other operation
Description: System reset occurs.
Operation:
System reset occurrence
SUPT (Set UPTF flag)
0001011001
059
11
–
–
Grouping:
Other operation
Description: Sets (1) to high-order bit reference enable
flag.
Operation:
(UPTF)
← 1
SVDE (Se Voltage Detector Enable flag)
1010010011
293
11
–
–
Grouping:
Other operation
Description: Voltage drop detection circuit is valid at
powerdown mode (clock operating mode,
RAM back-up mode)
Note: This instruction can be used only for H version.
Operation:
Voltage drop detection circuit valid at powerdown mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com