Electronic Components Datasheet Search
  English  ▼

X  

4553 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # 4553
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4553 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button 4553 Datasheet HTML 22Page - Renesas Technology Corp 4553 Datasheet HTML 23Page - Renesas Technology Corp 4553 Datasheet HTML 24Page - Renesas Technology Corp 4553 Datasheet HTML 25Page - Renesas Technology Corp 4553 Datasheet HTML 26Page - Renesas Technology Corp 4553 Datasheet HTML 27Page - Renesas Technology Corp 4553 Datasheet HTML 28Page - Renesas Technology Corp 4553 Datasheet HTML 29Page - Renesas Technology Corp 4553 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 145 page
background image
Rev.3.02
Dec 22, 2006
page 26 of 142
REJ03B0024-0302
4553 Group
Table 8 External interrupt control register
Notes 1: “R” represents read enabled, and “W” represents write enabled.
2: When the contents of these bits (I12 , I13) are changed, the external interrupt request flag (EXF0) may be set.
I13
I12
I11
I10
INT pin input control bit (Note 2)
Interrupt valid waveform for INT pin/
return level selection bit (Note 2)
INT pin edge detection circuit control bit
INT pin Timer 1 count start synchronous
circuit selection bit
Interrupt control register I1
R/W
TAI1/TI1A
at power down : state retained
at reset : 00002
INT pin input disabled
INT pin input enabled
Falling waveform/“L” level (“L” level is recognized with the SNZI0
instruction)
Rising waveform/“H” level (“H” level is recognized with the SNZI0
instruction)
One-sided edge detected
Both edges detected
Timer 1 count start synchronous circuit not selected
Timer 1 count start synchronous circuit selected
0
1
0
1
0
1
0
1
(1) External 0 interrupt request flag (EXF0)
External 0 interrupt request flag (EXF0) is set to “1” when a valid
waveform is input to D5/INT pin.
The valid waveforms causing the interrupt must be retained at their
level for 4 clock cycles or more of the system clock (Refer to Figure 16).
The state of EXF0 flag can be examined with the skip instruction
(SNZ0). Use the interrupt control register V1 to select the interrupt
or the skip instruction. The EXF0 flag is cleared to “0” when an in-
terrupt occurs or when the next instruction is skipped with the skip
instruction.
• External 0 interrupt activated condition
External 0 interrupt activated condition is satisfied when a valid
waveform is input to D5/INT pin.
The valid waveform can be selected from rising waveform, falling
waveform or both rising and falling waveforms. An example of
how to use the external 0 interrupt is as follows.
➀ Set the bit 3 of register I1 to “1” for the INT pin to be in the input
enabled state.
➁ Select the valid waveform with the bits 1 and 2 of register I1.
➂ Clear the EXF0 flag to “0” with the SNZ0 instruction.
➃ Set the NOP instruction for the case when a skip is performed
with the SNZ0 instruction.
➄ Set both the external 0 interrupt enable bit (V10) and the INTE
flag to “1.”
The external 0 interrupt is now enabled. Now when a valid wave-
form is input to the D5/INT pin, the EXF0 flag is set to “1” and the
external 0 interrupt occurs.
(2) External interrupt control registers
• Interrupt control register I1
Register I1 controls the valid waveform for the external 0 inter-
rupt. Set the contents of this register through register A with the
TI1A instruction. The TAI1 instruction can be used to transfer the
contents of register I1 to register A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com