Electronic Components Datasheet Search
  English  ▼

X  

4553 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # 4553
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4553 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button 4553 Datasheet HTML 16Page - Renesas Technology Corp 4553 Datasheet HTML 17Page - Renesas Technology Corp 4553 Datasheet HTML 18Page - Renesas Technology Corp 4553 Datasheet HTML 19Page - Renesas Technology Corp 4553 Datasheet HTML 20Page - Renesas Technology Corp 4553 Datasheet HTML 21Page - Renesas Technology Corp 4553 Datasheet HTML 22Page - Renesas Technology Corp 4553 Datasheet HTML 23Page - Renesas Technology Corp 4553 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 145 page
background image
Rev.3.02
Dec 22, 2006
page 20 of 142
REJ03B0024-0302
4553 Group
DATA MEMORY (RAM)
1 word of RAM is composed of 4 bits, but 1-bit manipulation (with
the SB j, RB j, and SZB j instructions) is enabled for the entire
memory area. A RAM address is specified by a data pointer. The
data pointer consists of registers Z, X, and Y. Set a value to the
data pointer certainly when executing an instruction to access
RAM (also, set a value after system returns from power down
mode).
RAM includes the area for LCD.
When writing “1” to a bit corresponding to displayed segment, the
segment is turned on.
Table 2 shows the RAM size. Figure 12 shows the RAM map.
• Note
Register Z of data pointer is undefined after system is released
from reset.
Also, registers Z, X and Y are undefined in the power down mode.
After system is returned from the power down mode, set these reg-
isters.
Fig. 12 RAM map
Table 2 RAM size
Part number
M34553M4/M4H
M34553M8/M8H
M34553G8/G8H
RAM size
288 words ✕ 4 bits (1152 bits)
Register Z
Register X
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0
0
1
13
RAM 288 words ✕ 4 bits (1152 bits)
23
12
...
15
14
0 1
2
0
1
11
12
13
14
15
2
3
4
5
6
7
8
9
10
17
18
19
1
Note: The numbers in the shaded area indicate the corresponding segment output pin numbers.
20
21
22
23
24
25
26
16
27
28
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com