Electronic Components Datasheet Search
  English  ▼

X  

4553 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # 4553
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4553 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button 4553 Datasheet HTML 20Page - Renesas Technology Corp 4553 Datasheet HTML 21Page - Renesas Technology Corp 4553 Datasheet HTML 22Page - Renesas Technology Corp 4553 Datasheet HTML 23Page - Renesas Technology Corp 4553 Datasheet HTML 24Page - Renesas Technology Corp 4553 Datasheet HTML 25Page - Renesas Technology Corp 4553 Datasheet HTML 26Page - Renesas Technology Corp 4553 Datasheet HTML 27Page - Renesas Technology Corp 4553 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 145 page
background image
Rev.3.02
Dec 22, 2006
page 24 of 142
REJ03B0024-0302
4553 Group
Fig. 16 Interrupt sequence
T1F,T2F,T3F
INT
EXF0
T1
T2
T3
T1
T2
T3
T2
T3
T1
T1
T2
T3
T1
T2
q When an interrupt request flag is set after its interrupt is enabled (Note 1)
System clock
(STCK)
The program starts
from the interrupt
address.
Interrupt enabled state
1 machine cycle
EI instruction execution cycle
Interrupt enable
flag (INTE)
Retaining level of system
clock for 4 periods or more
is necessary.
Interrupt disabled state
External
interrupt
Timer 1,
Timer 2,
Timer 3
interrupts
Interrupt activated
condition is satisfied.
Notes 1: The address is stacked to the last cycle.
2: This interval of cycles depends on the executed instruction at the time when each interrupt activated condition is satisfied.
Flag cleared
2 to 3 machine cycles
(Notes 1, 2)
(7) Interrupt sequence
Interrupts only occur when the respective INTE flag, interrupt en-
able bits (V10, V12, V13, V20), and interrupt request flag are “1.”
The interrupt actually occurs 2 to 3 machine cycles after the cycle
in which all three conditions are satisfied. The interrupt occurs after
3 machine cycles only when the three interrupt conditions are sat-
isfied on execution of other than one-cycle instructions (Refer to
Figure 16).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com