Electronic Components Datasheet Search
  English  ▼

X  

4553 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # 4553
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4553 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button 4553 Datasheet HTML 15Page - Renesas Technology Corp 4553 Datasheet HTML 16Page - Renesas Technology Corp 4553 Datasheet HTML 17Page - Renesas Technology Corp 4553 Datasheet HTML 18Page - Renesas Technology Corp 4553 Datasheet HTML 19Page - Renesas Technology Corp 4553 Datasheet HTML 20Page - Renesas Technology Corp 4553 Datasheet HTML 21Page - Renesas Technology Corp 4553 Datasheet HTML 22Page - Renesas Technology Corp 4553 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 145 page
background image
Rev.3.02
Dec 22, 2006
page 19 of 142
REJ03B0024-0302
4553 Group
PROGRAM MEMORY (ROM)
The program memory is a mask ROM. 1 word of ROM is composed
of 10 bits. ROM is separated every 128 words by the unit of page
(addresses 0 to 127). Table 1 shows the ROM size and pages. Fig-
ure 10 shows the ROM map of M34553ED.
Table 1 ROM size and pages
Part number
M34553M4
M34553M4H
M34553M8
M34553M8H
M34553G8
M34553G8H
ROM (PROM) size
(✕ 10 bits)
4096 words
8192 words
Pages
32 (0 to 31)
64 (0 to 63)
A part of page 1 (addresses 008016 to 00FF16) is reserved for in-
terrupt addresses (Figure 11). When an interrupt occurs, the
address (interrupt address) corresponding to each interrupt is set
in the program counter, and the instruction at the interrupt address
is executed. When using an interrupt service routine, write the in-
struction generating the branch to that routine at an interrupt
address.
Page 2 (addresses 010016 to 017F16) is the special page for sub-
routine calls. Subroutines written in this page can be called from
any page with the 1-word instruction (BM). Subroutines extending
from page 2 to another page can also be called with the BM in-
struction when it starts on page 2.
ROM pattern (bits 7 to 0) of all addresses can be used as data ar-
eas with the TABP p instruction.
Fig. 10 ROM map of M34553M8/M8H/G8/G8H
Fig. 11 Page 1 (addresses 008016 to 00FF16) structure
9876543210
Interrupt address page
0000
008016
16
16
017F16
Subroutine special page
007F
00FF16
010016
1FFF16
018016
Page 1
Page 2
Page 0
Page 3
Page 63
90
8765
432
1
External 0 interrupt address
008016
008216
008416
Timer 1 interrupt address
Timer 2 interrupt address
008616
008816
008A16
008C16
008E16
00FF16
Timer 3 interrupt address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com