Electronic Components Datasheet Search
  English  ▼

X  

4570 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # 4570
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4570 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button 4570 Datasheet HTML 30Page - Renesas Technology Corp 4570 Datasheet HTML 31Page - Renesas Technology Corp 4570 Datasheet HTML 32Page - Renesas Technology Corp 4570 Datasheet HTML 33Page - Renesas Technology Corp 4570 Datasheet HTML 34Page - Renesas Technology Corp 4570 Datasheet HTML 35Page - Renesas Technology Corp 4570 Datasheet HTML 36Page - Renesas Technology Corp 4570 Datasheet HTML 37Page - Renesas Technology Corp 4570 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 69 page
background image
33
MITSUBISHI MICROCOMPUTERS
4570 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Fig. 29 State transition
S
R
Q
Power down flag P
POF instruction
Reset input or voltage
drop detection circuit
output
q Set source
POF instruction is executed
q Clear source
Reset input
Software start
P = “1”
?
Yes
Warm start
Cold start
No
Fig. 30 Set source and clear source of the P flag
Fig. 31 Start condition identified example using the SNZP
instruction
Table 15 Key-on wakeup control register and pull-up control register
K03
K02
K01
K00
Port P43 key-on wakeup
control bit
Port P42 key-on wakeup
control bit
Port P41 key-on wakeup
control bit
Port P40 key-on wakeup
control bit
Key-on wakeup control register K0
0
1
0
1
0
1
0
1
Key-on wakeup not used
Key-on wakeup used
Key-on wakeup not used
Key-on wakeup used
Key-on wakeup not used
Key-on wakeup used
Key-on wakeup not used
Key-on wakeup used
at reset : 00002
at RAM back-up : state retained
R/W
Pull-up transistor OFF
Pull-up transistor ON
Pull-up transistor OFF
Pull-up transistor ON
Pull-up transistor OFF
Pull-up transistor ON
Pull-up transistor OFF
Pull-up transistor ON
Port P43 pull-up transistor
control bit
Port P42 pull-up transistor
control bit
Port P41 pull-up transistor
control bit
Port P40 and P01 pull-up transistor
control bit
0
1
0
1
0
1
0
1
at reset : 00002
at RAM back-up : state retained
Pull-up control register PU0
R/W
PU03
PU02
PU01
PU00
Note: “R” represents read enabled, and “W” represents write enabled.
: The time required to stabilize f(XIN) oscillation is automatically
generated by hardware.
Stabilizing time a
POF instruction
is executed
A
f(XIN) oscillation
Return input
(Stabilizing time a )
B
(RAM back-up
mode)
f(XIN) stop
Reset
(Stabilizing time a )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com