Electronic Components Datasheet Search
  English  ▼

X  

4570 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # 4570
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4570 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button 4570 Datasheet HTML 10Page - Renesas Technology Corp 4570 Datasheet HTML 11Page - Renesas Technology Corp 4570 Datasheet HTML 12Page - Renesas Technology Corp 4570 Datasheet HTML 13Page - Renesas Technology Corp 4570 Datasheet HTML 14Page - Renesas Technology Corp 4570 Datasheet HTML 15Page - Renesas Technology Corp 4570 Datasheet HTML 16Page - Renesas Technology Corp 4570 Datasheet HTML 17Page - Renesas Technology Corp 4570 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 69 page
background image
13
MITSUBISHI MICROCOMPUTERS
4570 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
INTERRUPT FUNCTION
The interrupt type is a vectored interrupt branching to an individual
address (interrupt address) according to each interrupt source.
An interrupt occurs when the following 3 conditions are satisfied.
• Interrupt enable flag (INTE) = “1” (Interrupt enabled)
• Interrupt enable bit = “1” (Interrupt request occurrence enabled)
• An interrupt activated condition is satisfied
(request flag = “1”)
Table 3 shows interrupt sources. (Refer to each interrupt request
flag for details of activated conditions.)
(1) Interrupt enable flag (INTE)
The interrupt enable flag (INTE) controls whether the every
interrupt enable/disable. Interrupts are enabled when INTE
flag is set to “1” with the EI instruction and disabled when
INTE flag is cleared to “0” with the DI instruction. When any
interrupt occurs, the INTE flag is automatically cleared to “0,”
so that other interrupts are disabled until the EI instruction is
executed.
(2) Interrupt enable bits (V10–V13, V20–V23)
Use an interrupt enable bit of interrupt control registers V1
and V2 to select the corresponding interrupt request or skip
instruction.
Table 4 shows the interrupt request flag, interrupt enable bit
and skip instruction.
Table 5 shows the interrupt enable bit function.
(3) Interrupt request flag
When the activated condition for each interrupt is satisfied,
the corresponding interrupt request flag is set to “1.” Each
interrupt request flag is cleared to “0” when either;
• an interrupt occurs, or
• the next instruction is skipped with a skip instruction.
Each interrupt request flag is set when the activated condition
is satisfied even if the interrupt is disabled by the INTE flag or
its interrupt enable bit. Once set, the interrupt request flag
retains set until a clear condition is satisfied.
Accordingly, an interrupt occurs when the interrupt disable
state is released while the interrupt request flag is set.
If more than one interrupt request flag is set when the interrupt
disable state is released, the interrupt priority level is as follows
shown in Table 3.
Table 3 Interrupt sources
Interrupt
address
Address 0
in page 1
Address 4
in page 1
Address 6
in page 1
Address 8
in page 1
Interrupt name
External 0 interrupt
Timer 1 interrupt
Timer 2 interrupt
Timer 3 interrupt
Activated condition
Level change of
INT pin
Timer 1 underflow
Timer 2 underflow
Timer 3 underflow
Priority
level
1
2
3
4
Table 4 Interrupt request flag, interrupt enable bit and skip
instruction
Interrupt name
External 0 interrupt
Timer 1 interrupt
Timer 2 interrupt
Timer 3 interrupt
Skip instruction
SNZ0
SNZT1
SNZT2
SNZT3
Request flag
EXF0
T1F
T2F
T3F
Enable bit
V10
V12
V13
V20
Table 5 Interrupt enable bit function
Skip instruction
Invalid
Valid
Interrupt enable bit
1
0
Occurrence of
interrupt request
Enabled
Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com