Electronic Components Datasheet Search
  English  ▼

X  

4570 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # 4570
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4570 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button 4570 Datasheet HTML 24Page - Renesas Technology Corp 4570 Datasheet HTML 25Page - Renesas Technology Corp 4570 Datasheet HTML 26Page - Renesas Technology Corp 4570 Datasheet HTML 27Page - Renesas Technology Corp 4570 Datasheet HTML 28Page - Renesas Technology Corp 4570 Datasheet HTML 29Page - Renesas Technology Corp 4570 Datasheet HTML 30Page - Renesas Technology Corp 4570 Datasheet HTML 31Page - Renesas Technology Corp 4570 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 69 page
background image
27
MITSUBISHI MICROCOMPUTERS
4570 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Fig. 22 Carrier wave output auto-control by timer 1
(C20)
0
Register C20
(C20)
1 (C20)
0 (C20)
1
Interval “a” is set
by timer 1
(C20)
1
Carrier wave output start
Carrier wave output start
“a”
“b”
“c”
“d”
Port CARR output
“H”
“L”
Timer 1 underflow
Timer 1 start
w
“1”
“0”
Timer 1 underflow
“1”
“0”
Port CARR output
“H”
“L”
“1”
“0”
Timer 3 underflow
CARRY
Timer 3 start
w
“H”
“L”
“1”
“0”
f(XIN) (divided by 3)
“H”
“L”
21 0 3 21 0 2 10 3 2 10 2 10
R3H
Timer 3
Timer 3 reload register R3H
“L” interval
TW3A
instruction
Machine cycle
R3L
R3H
R3L
0316
0216
set by
R3L
CARRY
“H”
“L”
CARRY
“H”
“L”
“H” interval
set by R3H
“L” interval
set by
R3L
“H” interval
set by R3H
Timer 3 reload register R3L
Interval “b” is set by
reload register R1
Interval “c” is set by
reload register R1
Interval “d” is set by
reload register R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com