Electronic Components Datasheet Search
  English  ▼

X  

4570 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # 4570
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4570 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button 4570 Datasheet HTML 52Page - Renesas Technology Corp 4570 Datasheet HTML 53Page - Renesas Technology Corp 4570 Datasheet HTML 54Page - Renesas Technology Corp 4570 Datasheet HTML 55Page - Renesas Technology Corp 4570 Datasheet HTML 56Page - Renesas Technology Corp 4570 Datasheet HTML 57Page - Renesas Technology Corp 4570 Datasheet HTML 58Page - Renesas Technology Corp 4570 Datasheet HTML 59Page - Renesas Technology Corp 4570 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 69 page
background image
63
MITSUBISHI MICROCOMPUTERS
4570 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Unit
V
V
V
µA
µA
µA
mA
µA
k
Ω
k
Ω
V
V
Max.
0.9
0.9
1.5
1.5
1
1
2.6
125
250
70
130
ELECTRICAL CHARACTERISTICS
(Mask ROM version:Ta = –20
°C to 70 °C, VDD = 2.0 V to 5.5 V, unless otherwise noted)
(One Time PROM version:Ta = –20
°C to 70 °C, VDD = 2.5 V to 5.5 V, unless otherwise noted)
Limits
Symbol
VOL
VOL
VOH
IIH
IIL
IOZ
IDD
RPH
VT+ – VT–
Test conditions
IOL = 5 mA
IOL = 2 mA
IOL = 15 mA
IOL = 12 mA
IOH = 15 mA
IOH = –7 mA
VI = VDD (Note)
VI = 0 V (Note)
VO = VDD
VDD = 5.0 V, f(XIN) = 4.2 MHz
System clock = f(XIN)/4
VDD = 5.0 V
System clock = f(XIN)
VDD = 3.0 V, f(XIN) = 4.2 MHz
System clock = f(XIN)/4
VDD = 3.0 V
System clock = f(XIN)
f(XIN) = stop, typical value at Ta = 25
°C
VDD = 5.0 V, VI = 0 V
VDD = 3.0 V, VI = 0 V
VDD = 5.0 V, VI = 0 V
VDD = 3.0 V, VI = 0 V
VDD = 5.0 V
VDD = 3.0 V
VDD = 5.0 V
VDD = 3.0 V
Typ.
1.3
0.1
50
100
30
60
0.5
0.4
1.5
0.6
VDD = 5.0 V
VDD = 3.0 V
VDD = 5.0 V
VDD = 3.0 V
VDD = 5.0 V
VDD = 3.0 V
Min.
2.4
1.0
–1
20
40
12
25
f(XIN) = 2 MHz
f(XIN) = 1 MHz
f(XIN) = 1 MHz
f(XIN) = 500 kHz
1.9
1.3
0.6
0.5
0.4
3.8
2.6
1.2
1.0
0.8
10
Parameter
“L” level output voltage
P0, P1, D0–D9, CARR, RESET
“L” level output voltage P3
“H” level output voltage CARR
“H” level input current P0, P1, P2, P3, P4,
RESET
, VDCE
“L” level input current P2, P3, P4, RESET,
VDCE
Output current at off-state D0–D9
Supply current
Pull-up resistor
value
Hysteresis
Note: In this case, the pull-up transistor of port P4 is turned off by software.
at CPU operating mode
at RAM back-up mode
P0, P1, P4
RESET
INT
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com