Electronic Components Datasheet Search
  English  ▼

X  

4570 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 4570
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4570 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 4570 Datasheet HTML 11Page - Renesas Technology Corp 4570 Datasheet HTML 12Page - Renesas Technology Corp 4570 Datasheet HTML 13Page - Renesas Technology Corp 4570 Datasheet HTML 14Page - Renesas Technology Corp 4570 Datasheet HTML 15Page - Renesas Technology Corp 4570 Datasheet HTML 16Page - Renesas Technology Corp 4570 Datasheet HTML 17Page - Renesas Technology Corp 4570 Datasheet HTML 18Page - Renesas Technology Corp 4570 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 69 page
background image
14
MITSUBISHI MICROCOMPUTERS
4570 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
•Program counter (PC)
..................................................... Each interrupt address
•Stack register (SK)
........... The address of main routine to be executed when returning
•Interrupt enable flag (INTE)
........................................................ 0 (Interrupt disabled)
•Interrupt request flag (only the flag for the current interrupt source)
........................................................................................ 0
•Data pointer, carry flag, registers A and B, skip flag
............... Stored in the interrupt stack register (SDP) automatically
Fig. 13 Program example of interrupt processing
(4) Internal state during an interrupt
The internal state of the microcomputer during an interrupt is
as follows (Figure 14).
• Program counter (PC)
An interrupt address is set in program counter. The
address to be executed when returning to the main routine
is automatically stored in the stack register (SK).
• Interrupt enable flag (INTE)
INTE flag is cleared to “0” so that interrupts are disabled.
• Interrupt request flag
Only the request flag for the current interrupt source is
cleared to “0.”
• Data pointer, carry flag, skip flag, registers A and B
The contents of these registers and flags are stored
automatically in the interrupt stack register (SDP).
(5) Interrupt processing
When an interrupt occurs, a program at an interrupt address
is executed after a branch to a sequence for storing data into
stack register is performed. Write the branch instruction to
an interrupt service routine at an interrupt address.
Use the RTI instruction to return to main routine.
Interrupt enabled by executing the EI instruction is performed
after executing 1 instruction (just after the next instruction is
executed). Accordingly, when the EI instruction is executed
just before the RTI instruction, interrupts are enabled after
returning to the main routine. (Refer to Figure 13)
Fig. 14 Internal state when interrupt occurs
Fig. 15 Interrupt system diagram
EI
RTI
Interrupt
service routine
Interrupt
occurs
Interrupt
is enabled
Main
routine
: Interrupt enabled state
: Interrupt disabled state
T1F
V12
EXF0
V10
Address 4 in
page 1
Address 0 in
page 1
T2F
V13
Address 6 in
page 1
Timer 1
underflow
Request
flag
(state retained)
Enable
bit
Enable
flag
Activated
condition
INT pin
(L
→ H or
H
→ L input)
INTE
Timer 2
underflow
T3F
V20
Timer 3
underflow
Address 8 in
page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com