Electronic Components Datasheet Search
  English  ▼

X  

4570 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 4570
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4570 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 4570 Datasheet HTML 7Page - Renesas Technology Corp 4570 Datasheet HTML 8Page - Renesas Technology Corp 4570 Datasheet HTML 9Page - Renesas Technology Corp 4570 Datasheet HTML 10Page - Renesas Technology Corp 4570 Datasheet HTML 11Page - Renesas Technology Corp 4570 Datasheet HTML 12Page - Renesas Technology Corp 4570 Datasheet HTML 13Page - Renesas Technology Corp 4570 Datasheet HTML 14Page - Renesas Technology Corp 4570 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 69 page
background image
10
MITSUBISHI MICROCOMPUTERS
4570 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Fig. 7 Program counter (PC) structure
Fig. 8 Data pointer (DP) structure
Fig. 9 SD instruction execution example
(8) Program counter (PC)
Program counter (PC) is used to specify a ROM address (page
and address). It determines a sequence in which instructions
stored in ROM are read. It is a binary counter that increments
the number of instruction bytes each time an instruction is
executed. However, the value changes to a specified address
when branch instructions, subroutine call instructions, return
instructions, or the table reference instruction (TABP p) is
executed.
Program counter consists of PCH (most significant bit to bit
7) which specifies to a ROM page and PCL (bits 6 to 0) which
specifies an address within a page. After it reaches the last
address (address 127) of a page, it specifies address 0 of the
next page (Figure 7).
Make sure that the PCH does not specify after the last page
of the built-in ROM.
(9) Data pointer (DP)
Data pointer (DP) is used to specify a RAM address and
consists of registers Z, X, and Y. Register Z specifies a RAM
file group, register X specifies a file, and register Y specifies
a RAM digit (Figure 8).
Register Y is also used to specify the port D bit position.
When using port D, set the port D bit position to register Y
certainly and execute the SD or RD instruction (Figure 9).
Z1 Z0 X3 X2 X1 X0 Y3 Y2 Y1 Y0
Data pointer (DP)
Register Z (2)
Register X (4)
Register Y (4)
Specifying
RAM digit
Specifying RAM file
Specifying RAM file group
p5 p4 p3 p2 p1 p0
a6 a5 a4 a3 a2 a1 a0
Program counter (PC)
PCH
Specifying page
PCL
Specifying address
p6
01
01
1
Set
Specifying bit position
Port D output latch
Register Y (4)
D5
D4
D0
D6
D9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com