Electronic Components Datasheet Search
  English  ▼

X  

STV0676 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STV0676
Description  CMOS Digital Camera Co-processor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0676 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STV0676 Datasheet HTML 5Page - STMicroelectronics STV0676 Datasheet HTML 6Page - STMicroelectronics STV0676 Datasheet HTML 7Page - STMicroelectronics STV0676 Datasheet HTML 8Page - STMicroelectronics STV0676 Datasheet HTML 9Page - STMicroelectronics STV0676 Datasheet HTML 10Page - STMicroelectronics STV0676 Datasheet HTML 11Page - STMicroelectronics STV0676 Datasheet HTML 12Page - STMicroelectronics STV0676 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9/21
STV0676
External interfaces
Benchmark testing of the STV0676 indicates that 30fps CIF video (compressed) can be
accommodated in 50% of USB bandwidth.
2.2
Mode selection
All USB devices report a VID, PID and power consumption as part of a standard device descriptor.
The VID and PID for STV0676 can be configured by the state of the digiport bits or by using an
external EEPROM. The mode selection is made using the two MODESEL pins as described in
Table 3 below.
2.3
Selecting VID and PID via the digiport
Tables 4~7 demonstrate how the VID/PID information is defined via the digiport.
The current reference design for the STV0676-chipset has digiport[7:0] connected to VSS, thus the
VID and PID are 16’h0553 and 16’h0140 respectively.
The digiport also controls the device current consumption that is reported to the host at device
enumeration.
Table 3: Mode selection
MODESEL[1]
MODESEL[0]
Mode of operation
0
0
USB Mode. External EEPROM fitted, therefore PID, VID and power
consumption read from this source. See
Section 2.4
10
Slave I2C mode.
0
1
USB mode. Default. No external EEPROM fitted, the PID
VID and power consumption data determined by digiport[7:0].
See
Section 2.3
11
Reserved
Table 4: Basic digiport configuration
digiport bit slice
function
[3:0]
configures the LS nibble of the PID
[5:4]
master VID/PID select
[7:6]
power setting
Table 5: Digiport LS nibble configuration
digiport[3:0]
PID LS nibble
4’b0000
4’b0000
4’b0001
4’b0001
4’b0010
4’b0010
4’b0011
4’b0011
4’b0100
4’b0100
4’b0101
4’b0101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com