Electronic Components Datasheet Search
  English  ▼

X  

STV0676 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STV0676
Description  CMOS Digital Camera Co-processor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0676 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STV0676 Datasheet HTML 7Page - STMicroelectronics STV0676 Datasheet HTML 8Page - STMicroelectronics STV0676 Datasheet HTML 9Page - STMicroelectronics STV0676 Datasheet HTML 10Page - STMicroelectronics STV0676 Datasheet HTML 11Page - STMicroelectronics STV0676 Datasheet HTML 12Page - STMicroelectronics STV0676 Datasheet HTML 13Page - STMicroelectronics STV0676 Datasheet HTML 14Page - STMicroelectronics STV0676 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11/21
STV0676
External interfaces
2.4.1
EEPROM format and contents
The remaining space is available for the string blocks indexed at locations 8, 9 and 10.
2.4.2
Strings
The strings referred to above (locations 8-10), are the USB string descriptors referenced from the
device, configuration and interface descriptors. The value should be set to ’0’ if the string is not
implemented or to the offset in bytes of the start of the string block in the EEPROM.
The first byte of each string block is the number of the characters in the string. Subsequent bytes
are the actual string, which need not include a terminating null (
Table 9:).
Table 8: EEPROM format and contents
location
contents
0
fixed number, must be 0x’ED
1
fixed number, must be 0x’15
2
reserved, must be 0x’00
3
max device power (=mA/2, e.g. 400mA enter 0x’C8)
4
VidLo, low byte of the vendor ID
5
VidHi, highbyte of the vendor ID
6
PidLo, low byte of the product ID
7
PidHi, highbyte of the product ID
8
manufacturer string offset, example below
9
product string offset, see below
10
interface 0 String offset
11
reserved, must be 0x’00
12
reserved, must be 0x’00
13
checksum
Table 9: EEPROM device string example
Location
Contents
8
Manufacturer string offset = 16
16
String length = 5
17
String text = ‘H’ (in ascii)
18
String text = ‘e’ (in ascii)
19
String text = ‘l’ (in ascii)
20
String text = ‘l’ (in ascii)
21
String text = ‘o’ (in ascii)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com